Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23079-B1208-B301 Datasheet(PDF) 6 Page - Tyco Electronics

Part # V23079-B1208-B301
Description  P2 Relay
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

V23079-B1208-B301 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button V23079-B1208-B301 Datasheet HTML 2Page - Tyco Electronics V23079-B1208-B301 Datasheet HTML 3Page - Tyco Electronics V23079-B1208-B301 Datasheet HTML 4Page - Tyco Electronics V23079-B1208-B301 Datasheet HTML 5Page - Tyco Electronics V23079-B1208-B301 Datasheet HTML 6Page - Tyco Electronics V23079-B1208-B301 Datasheet HTML 7Page - Tyco Electronics V23079-B1208-B301 Datasheet HTML 8Page - Tyco Electronics V23079-B1208-B301 Datasheet HTML 9Page - Tyco Electronics V23079-B1208-B301 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
General data
Operate time at U
nom typ. / max.
Reset time (latching) at U
nom , typ. / max.
Release time without diode in parallel (non-latching), typ. / max.
Release time with diode in parallel (non-latching), typ. / max.
Bounce time at closing contact, typ. / max.
Maximum switching rate without load
Ambient temperature
Thermal resistance
Maximum permissible coil temperature
Vibration resistance (function)
Shock resistance, half sinus, 11 ms
Degree of protection / Environmental protection
Needle flame test
Mounting position
Processing information
Weight (mass)
Resistance to soldering heat
3 ms / 5 ms
3 ms / 5 ms
2 ms / 4 ms
4 ms / 6 ms
1 ms / 3 ms
50 operations/s
-40° C ... +85° C (105 ° C on request)
< 165 K/W
110° C
35 G
10 to 1000 Hz
50 G (function)
150 G (damage)
immersion cleanable, IP 67 / RT III
application time 20 s, burning time < 15 s
any
Ultrasonic cleaning is not recommended
max. 2.5 g
260° C / 10 s
P2 Relay
V23079
All data refers to 23° C unless otherwise specified.
Recommended soldering conditions
Soldering conditions according CECC 00802
Vapor Phase Soldering: Temperature/Time Profile
(Lead Temperature)
Infrared Soldering: Temperature/Time Profile
(Lead Temperature)
Full line:
typical
Dotted line: process limits
10 sec
ca. 40 sec
max. 245° C
215° C
130° C
180° C
Time (s)
215° C
180° C
130° C
100° C
external preheating
20 - 40 sec
Full line:
typical
Dotted line: process limits
forced
cooling
Time (s)


Similar Part No. - V23079-B1208-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079-B1208-B301 MACOM-V23079-B1208-B301 Datasheet
1Mb / 14P
   P2 V23079 Relay
V23079-B1208-B301 MACOM-V23079-B1208-B301 Datasheet
2Mb / 7P
   P2 Relay V23079
V23079-B1208-B301 MACOM-V23079-B1208-B301 Datasheet
2Mb / 8P
   Signal Relays
V23079-B1208-B301 MACOM-V23079-B1208-B301 Datasheet
1Mb / 8P
   Signal Relays
More results

Similar Description - V23079-B1208-B301

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23079 MACOM-V23079_06 Datasheet
1Mb / 14P
   P2 V23079 Relay
V23079 MACOM-V23079_12 Datasheet
2Mb / 7P
   P2 Relay V23079
2-1393788-9 MACOM-2-1393788-9 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-0 MACOM-2-1393788-0 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-2 MACOM-2-1393788-2 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
2-1393788-4 MACOM-2-1393788-4 Datasheet
22Kb / 1P
   P2-Relay THT Dimensions
V23079D2001B301 MACOM-V23079D2001B301 Datasheet
22Kb / 1P
   P2- Relay SMT W Dimensions
V23079D2011B301 MACOM-V23079D2011B301 Datasheet
22Kb / 1P
   P2-Relay SMT W Dimensions
2-1393789-0 MACOM-2-1393789-0 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
2-1393789-2 MACOM-2-1393789-2 Datasheet
66Kb / 1P
   P2-Relay SMT N (Narrow) Dimensions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com