Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WI32C502M100N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WI32C502M100N
Description  WIRE WOUND INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WI32C502M100N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WI32C502M100N Datasheet HTML 1Page - List of Unclassifed Manufacturers WI32C502M100N Datasheet HTML 2Page - List of Unclassifed Manufacturers WI32C502M100N Datasheet HTML 3Page - List of Unclassifed Manufacturers WI32C502M100N Datasheet HTML 4Page - List of Unclassifed Manufacturers WI32C502M100N Datasheet HTML 5Page - List of Unclassifed Manufacturers WI32C502M100N Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The characteristics of this series perform low RDC and carry large current.
Best for power supply applications such as PC, conveyable telephone, and other
Very strong solderability by reflow soldering and soldering iron.
Highly accurate dimensions can be mounted automatically
Terminals are highly resistant to pull forces.
Highly resistant to mechanical shoks and pressure.
Highly reliable in environments of sudden temperature change and humidity.
Superior IDC for DC to DC converter.
a:Type of products - SMD Wire wound inductors with Ferrite Base
b:Dimension
- 20:252018 25:322522 32:453232 50:565050
c:Materials
- C - Ferrite Base for high current application.
d:Thickness
- 18 = 2.2mm Max. 22 = 2.6mm Max, 32 = 3.2mm, 50 = 5.0mm
e:Packing
-
PCS/REEL - 1 = 1000, 2 = 2000, G = 400, I = 500
f:Tolerance
-
J : ±5% K : ±10% M : ±20%
g: Inductance
- 1N2 = 0.0012uH, 100N = 0.1uH, 1U = 1.0uH, 1U2 = 1.2uH, 1M = 1000 mH, 1M2 = 1200mH
Microtelevisions, liquid crystal televisions,video cameras, portable
VCRs, car radios,car stereos, thin tape radios, television tuners,
mobile telephones, radio and other electronic devices.
in mm
A
BCD
Max.
Max.
Max.
Ref.
WI20C18
252018
1008
2.92
2.79
2.2
0.7
2.03
0.51
1.52
WI25C22
322522
1210
3.70
2.90
2.6
0.9
2.40
0.51
2.18
WI20C18 & WI25C22
WI32C32 & WI50C50
in mm
TYPE
Alias in m
Alias in inch
L
W
H
P
E
WI32C32
453232
1812
4.5±0.3
3.2±0.3
3.2±0.2
1.4±0.4
0.9±0.2
WI50C50
565050
2220
5.6±0.3
5.0±0.3
5.0±0.2
1.8±0.3
1.3±0.2
Type
EG
Series
WI - C
F
Alias in inch
Alias in mm
SHAPES AND DIMENSIONS
APPLICATIONS
WI 20 C 18 2 J 1U
The Part number of Lead-Free Products will be added "X" after original one as identification. EX: WS03X314G1N8X
a
b
c
d
e
f
g
Gausstek Corp.
WIRE WOUND INDUCTORS FERRITE BASE / LARGE CURRENT
OUTLINE
FEATURES
PRODUCT IDENTIFICATION


Similar Part No. - WI32C502M100N

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI322522-010JF SUPERWORLD-WI322522-010JF Datasheet
260Kb / 5P
   Wire Wound Inductor
WI322522-012JF SUPERWORLD-WI322522-012JF Datasheet
260Kb / 5P
   Wire Wound Inductor
WI322522-015JF SUPERWORLD-WI322522-015JF Datasheet
260Kb / 5P
   Wire Wound Inductor
WI322522-018JF SUPERWORLD-WI322522-018JF Datasheet
260Kb / 5P
   Wire Wound Inductor
More results

Similar Description - WI32C502M100N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL32TTE1R0J KOA-KL32TTE1R0J Datasheet
1,017Kb / 2P
   WIRE WOUND INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com