Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME51071IHAADJZ Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME51071IHAADJZ
Description  PWM Control 3A Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME51071IHAADJZ Datasheet(HTML) 4 Page - Analog Microelectronics

  AME51071IHAADJZ Datasheet HTML 1Page - Analog Microelectronics AME51071IHAADJZ Datasheet HTML 2Page - Analog Microelectronics AME51071IHAADJZ Datasheet HTML 3Page - Analog Microelectronics AME51071IHAADJZ Datasheet HTML 4Page - Analog Microelectronics AME51071IHAADJZ Datasheet HTML 5Page - Analog Microelectronics AME51071IHAADJZ Datasheet HTML 6Page - Analog Microelectronics AME51071IHAADJZ Datasheet HTML 7Page - Analog Microelectronics AME51071IHAADJZ Datasheet HTML 8Page - Analog Microelectronics AME51071IHAADJZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AME, Inc.
4
AME5107
Rev.A.01
PWM Control 3A Buck
Converter
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME5107 x x x x xxx x
Output Voltage
n Ordering Information
A
1. FB
I:
-20
OC to 85OC
H: SOP
A: 8
ADJ: Adjustable
Z:
Lead free
(SOP-8)
2. EN
3. OCSET
4. IN
5. SW
6. SW
7. GND
8. GND
Output Voltage
Special Feature
Pin
Configuration
Operating Ambient
Temperature Range
Package Type
Number
of
Pins
Note: ww represents the date code.
* A line on top of the first letter represents lead free plating such as 5107 AADJ yyww.
Please consult AME sales office or authorized Rep./Distributor for the availability of package type.
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME5107AIHAADJZ
5107
AADJ
yyww
ADJ
SOP-8
-20
OC to 85OC


Similar Part No. - AME51071IHAADJZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Similar Description - AME51071IHAADJZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2509 TSC-TS2509 Datasheet
497Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
   3A / 380KHz PWM Buck Converter
TS2508A TSC-TS2508A_12 Datasheet
203Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com