Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68332VR16 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TS68332VR16
Description  High Highperformance 32-bit Integrated Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332VR16 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TS68332VR16 Datasheet HTML 5Page - ATMEL Corporation TS68332VR16 Datasheet HTML 6Page - ATMEL Corporation TS68332VR16 Datasheet HTML 7Page - ATMEL Corporation TS68332VR16 Datasheet HTML 8Page - ATMEL Corporation TS68332VR16 Datasheet HTML 9Page - ATMEL Corporation TS68332VR16 Datasheet HTML 10Page - ATMEL Corporation TS68332VR16 Datasheet HTML 11Page - ATMEL Corporation TS68332VR16 Datasheet HTML 12Page - ATMEL Corporation TS68332VR16 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
9
2118A–HIREL–11/05
TS68332
5.3.1
Power Considerations
The average chip-junction temperature, TJ, in °C can be obtained from:
T
J = TA + (PD
θ
JA)
(1)
T
A = Ambient Temperature, °C
θ
JA = Package Thermal Resistance, Junction-to-Ambient, °C/W
P
D = PINT + PI/O
P
INT = ICC
V
CC, Watts - Chip Internal Power
PI/O = Power Dissipation on Input and Output Pins - User Determined
For most applications P
I/O < PINT and can be neglected.
An approximate relationship between P
D and TJ (if PI/O is neglected) is:
PD = K ÷ (TJ + 273)
(2)
Solving equations (1) and (2) for K gives:
K = P
D
(T
A + 273) + θJA
P
D
2
(3)
where K is a constant pertaining to the particular part K can be determined from equation (3) by
measuring P
D (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can
be obtained by solving equations (1) and (2) iteratively for any value of T
A.
The total thermal resistance of a package (
θ
JA) can be separated into two components, θJC and
θ
CA, representing the barrier to heat flow from the semiconductor junction to the package (case),
surface
JC) and from the case to the outside ambient (θCA).
Table 5-1.
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Min
Max
Unit
V
DD
Supply Voltage
-0.3
+7.0
V
V
I
Input Voltage
-0.3
+7.0
V
P
DMAX
Max Power Dissipation
Low Power Operation
600
mW
Stand By Mode
500
mW
T
case
Operating Temperature
M Suffix
-55
+125
°C
V Suffix
-40
+85
°C
T
stg
Storage Temperature
-55
+150
°C
T
leads
Lead Temperature
Max 5 Sec. Soldering
+270
°C
Table 5-2.
Thermal Characteristics (at 25°C)
Package
Symbol
Parameter
Value
Unit
PGA 132
θ
J-A
Thermal Resistance Ceramic Junction-to-ambient
TBD
°C/W
θ
J-C
Thermal Resistance Ceramic Junction-to-case
10
°C/W
CERQUAD 132
θ
J-A
Thermal Resistance Ceramic Junction-to-ambient
TBD
°C/W
θ
J-C
Thermal Resistance Ceramic Junction-to-case
10
°C/W


Similar Part No. - TS68332VR16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332VR16 ATMEL-TS68332VR16 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

Similar Description - TS68332VR16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com