Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS77401DGK Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77401DGK
Description  250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77401DGK Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS77401DGK Datasheet HTML 6Page - Texas Instruments TPS77401DGK Datasheet HTML 7Page - Texas Instruments TPS77401DGK Datasheet HTML 8Page - Texas Instruments TPS77401DGK Datasheet HTML 9Page - Texas Instruments TPS77401DGK Datasheet HTML 10Page - Texas Instruments TPS77401DGK Datasheet HTML 11Page - Texas Instruments TPS77401DGK Datasheet HTML 12Page - Texas Instruments TPS77401DGK Datasheet HTML 13Page - Texas Instruments TPS77401DGK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TPS77301/315/316/318/327/328/333/350 WITH RESET OUTPUT
TPS77401/415/418/427/428/433/450 WITH POWER GOOD OUTPUT
250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS281E – FEBRUARY 2000 – REVISED JULY 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
TPS77xxx
GROUND CURRENT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
95
90
85
80
–40
10
60
100
105
115
110
160
110
IO = 1 mA
IO = 250 mA
Figure 6
Figure 7
50
10
20
0
10
100
1k
10k
70
90
f – Frequency – Hz
TPS77x33
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
100
100k
10M
80
30
40
60
1M
IO = 1 mA
IO = 250 mA
CO = 10 µF
TJ = 25 °C
Figure 8
TPS77x33
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
f – Frequency – Hz
100
1k
10k
100k
10
1
IO = 1 mA
IO = 250 mA
0.1
0.01
CO = 10 µF
TJ = 25 °C


Similar Part No. - TPS77401DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77401DGK TI-TPS77401DGK Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77401DGK TI-TPS77401DGK Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401DGK TI1-TPS77401DGK Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401DGKG4 TI1-TPS77401DGKG4 Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77401DGKR TI-TPS77401DGKR Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77401DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77301 TI1-TPS77301_16 Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI-TPS77101_07 Datasheet
406Kb / 28P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77250 TI-TPS77250 Datasheet
354Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101 TI1-TPS77101_16 Datasheet
1Mb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77115 TI-TPS77115 Datasheet
351Kb / 10P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77101-Q1 TI1-TPS77101-Q1 Datasheet
431Kb / 25P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS771 TI-TPS771_15 Datasheet
716Kb / 26P
[Old version datasheet]   150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301 Datasheet
355Kb / 23P
[Old version datasheet]   250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com