Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222286912159 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 222286912159
Description  Surface mount ceramic multilayer capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

222286912159 Datasheet(HTML) 3 Page - NXP Semiconductors

  222286912159 Datasheet HTML 1Page - NXP Semiconductors 222286912159 Datasheet HTML 2Page - NXP Semiconductors 222286912159 Datasheet HTML 3Page - NXP Semiconductors 222286912159 Datasheet HTML 4Page - NXP Semiconductors 222286912159 Datasheet HTML 5Page - NXP Semiconductors 222286912159 Datasheet HTML 6Page - NXP Semiconductors 222286912159 Datasheet HTML 7Page - NXP Semiconductors 222286912159 Datasheet HTML 8Page - NXP Semiconductors 222286912159 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2000 Sep 11
3
Philips Components
Product specification
Surface mount ceramic
multilayer capacitors
Class 1, NP0 50/100/200/500 V
Noble Metal Electrode
MECHANICAL DATA
Physical dimensions
Table 1
Capacitor dimensions
CASE SIZE
L1
W
TL2 and L3
L4
MIN.
MIN.
MAX.
MIN.
MAX.
Dimensions in millimetres
0402
1.0
±0.05
0.5
±0.05
0.45
0.55
0.20
0.30
0.40
0603
1.6
±0.10
0.8
±0.07
0.73
0.87
0.25
0.65
0.40
0805
2.0
±0.10
1.25
±0.10
0.50
1.35
0.25
0.75
0.55
1206
3.2
±0.15
1.6
±0.15
0.50
1.75
0.25
0.75
1.40
1210
3.2
±0.20
2.5
±0.20
0.50
1.80
0.25
0.75
1.40
1812
4.5
±0.20
3.2
±0.20
0.50
1.80
0.25
0.75
2.20
2220
5.7
±0.20
5.0
±0.20
0.50
1.80
0.25
0.75
2.90
Dimensions in inches
0402
0.040
±0.002
0.020
±0.002
0.018
0.022
0.008
0.012
0.016
0603
0.063
±0.004
0.032
±0.003
0.029
0.035
0.010
0.026
0.016
0805
0.079
±0.004
0.049
±0.004
0.020
0.053
0.010
0.030
0.022
1206
0.126
±0.006
0.063
±0.006
0.020
0.069
0.010
0.030
0.056
1210
0.126
±0.008
0.098
±0.008
0.020
0.072
0.010
0.030
0.056
1812
0.177
±0.008
0.126
±0.008
0.020
0.072
0.010
0.030
0.088
2220
0.224
±0.008
0.197
±0.008
0.020
0.072
0.010
0.030
0.114
MBB211
T
L 4
L 1
L 2
L 3
W
Fig.2 Component outline.
For dimensions see Table 1.


Similar Part No. - 222286912159

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222280823109 VISHAY-222280823109 Datasheet
103Kb / 6P
   5 mm Film Dielectric Trimmers
Revision: 11-Oct-07
More results

Similar Description - 222286912159

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com