Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16823 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74ACT16823
Description  18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16823 Datasheet(HTML) 5 Page - Texas Instruments

  74ACT16823 Datasheet HTML 1Page - Texas Instruments 74ACT16823 Datasheet HTML 2Page - Texas Instruments 74ACT16823 Datasheet HTML 3Page - Texas Instruments 74ACT16823 Datasheet HTML 4Page - Texas Instruments 74ACT16823 Datasheet HTML 5Page - Texas Instruments 74ACT16823 Datasheet HTML 6Page - Texas Instruments 74ACT16823 Datasheet HTML 7Page - Texas Instruments 74ACT16823 Datasheet HTML 8Page - Texas Instruments 74ACT16823 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
54ACT16823, 74ACT16823
18-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS160A – APRIL 1991 – REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54ACT16823
74ACT16823
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH = 50 µA
4.5 V
4.4
4.4
4.4
IOH = –50 µA
5.5 V
5.4
5.4
5.4
VOH
IOH = 24 mA
4.5 V
3.94
3.8
3.8
V
IOH = –24 mA
5.5 V
4.94
4.8
4.8
IOH= –75 mA†
5.5 V
3.85
3.85
IOL =50 µA
4.5 V
0.1
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
0.1
VOL
IOL =24mA
4.5 V
0.36
0.44
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
0.44
IOL = 75 mA†
5.5 V
1.65
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.5
±5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
80
µA
∆ICC‡
One input at 3.4 V,
Other inputs at VCC or GND
5.5 V
0.9
1
1
mA
Ci
VI = VCC or GND
5 V
3
pF
Co
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
timing requirements over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
54ACT16823
74ACT16823
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
90
0
90
0
90
MHz
t
Pulse duration
CLR low
3.3
3.3
3.3
ns
tw
Pulse duration
CLK high or low
5.5
5.5
5.5
ns
CLR inactive
0.5
0.5
0.5
tsu
Setup time before CLK
Data
7
7
7
ns
CLKEN low
3.5
3.5
3.5
th
Hold time after CLK
Data
0.5
0.5
0.5
ns
th
Hold time after CLK
CLKEN high or low
2.5
2.5
2.5
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - 74ACT16823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT16823 TI-74ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823 TI-74ACT16823 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DL TI-74ACT16823DL Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DLG4 TI-74ACT16823DLG4 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DLR TI-74ACT16823DLR Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT16823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162823A TI-SN54ABT162823A Datasheet
135Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_07 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_06 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABTH16823 TI1-SN54ABTH16823_14 Datasheet
517Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_06 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI1-SN54ABT162823A_15 Datasheet
506Kb / 13P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823 TI1-SN54ABT162823_08 Datasheet
168Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16283A TI-SN54ABT16283A Datasheet
180Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com