Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5560IRGZT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5560IRGZT
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5560IRGZT Datasheet(HTML) 4 Page - Texas Instruments

  ADS5560IRGZT Datasheet HTML 1Page - Texas Instruments ADS5560IRGZT Datasheet HTML 2Page - Texas Instruments ADS5560IRGZT Datasheet HTML 3Page - Texas Instruments ADS5560IRGZT Datasheet HTML 4Page - Texas Instruments ADS5560IRGZT Datasheet HTML 5Page - Texas Instruments ADS5560IRGZT Datasheet HTML 6Page - Texas Instruments ADS5560IRGZT Datasheet HTML 7Page - Texas Instruments ADS5560IRGZT Datasheet HTML 8Page - Texas Instruments ADS5560IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
ELECTRICAL CHARACTERISTICS
ADS5560
ADS5562
SLWS207 – MAY 2008 ....................................................................................................................................................................................................... www.ti.com
Typical values are at 25
°C, AVDD = DRVDD = 3.3 V, sampling rate = Max Rated, sine wave input clock, 1.5 V
PP clock
amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, DDR LVDS interface, default fine
gain (1dB).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = DRVDD = 3.3 V, sampling
rate = Max Rated, unless otherwise noted.
ADS5562
ADS5560
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
RESOLUTION
16
16
bits
ANALOG INPUT
Differential input voltage
VPP
3.56
3.56
range (1)
Differential input
5
5
pF
capacitance
Analog input bandwidth
300
300
MHz
Analog input common
6.6
6.6
µA/MSPS
mode current (per input pin)
VCM
Common mode output
Internal reference
1.5
1.5
V
voltage
mode
VCM output current
Internal reference
±4
±4
mA
capability
mode
DC ACCURACY
No Missing Codes
0 dB gain
Assured
Assured
DNL
Differential non-linearity
-0.95
0.5
3
-0.95
0.5
3
LSB
INL
Integral non-linearity
-8.5
±3
8.5
-8.5
±3
8.5
LSB
Offset error
-25
±10
25
-25
±10
25
mV
Offset error temperature
0.005
0.005
mV/
°C
coefficient
Variation of offset error
1.5
1.5
mV/V
across AVDD supply
There are two sources of gain error: i) internal reference inaccuracy and ii) channel gain
error
EGREF
Gain error due to internal
-2.5
±1
2.5
-2.5
±1
2.5
%FS
reference inaccuracy alone
ECHAN
Channel gain error alone
-2.5
± 1
2.5
-2.5
± 1
2.5
%FS
Channel gain error
0.01
0.01
Δ%/
°C
temperature coefficient
POWER SUPPLY
IAVDD
Analog supply current
210
250
160
190
mA
LVDS mode
52
44
mA
IO = 3.5 mA, RL =
Digital supply current
100
IDRVDD
CL = 5 pF
CMOS mode
60
37
mA
FIN = 3 MHz
Total power
LVDS mode
865
1100
674
810
mW
Standby power
STANDBY mode
155
135
mW
with clock running
Clock stop power
125
150
125
150
mW
(1)
The full-scale voltage range is a function of the fine gain settings. See Table 23.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5560 ADS5562


Similar Part No. - ADS5560IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5560IRGZT TI1-ADS5560IRGZT Datasheet
1Mb / 56P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5560IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5560EVM TI1-ADS5560EVM Datasheet
1Mb / 56P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com