Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21266SKBCZ-2B Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-21266SKBCZ-2B
Description  Embedded Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21266SKBCZ-2B Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-21266SKBCZ-2B Datasheet HTML 5Page - Analog Devices ADSP-21266SKBCZ-2B Datasheet HTML 6Page - Analog Devices ADSP-21266SKBCZ-2B Datasheet HTML 7Page - Analog Devices ADSP-21266SKBCZ-2B Datasheet HTML 8Page - Analog Devices ADSP-21266SKBCZ-2B Datasheet HTML 9Page - Analog Devices ADSP-21266SKBCZ-2B Datasheet HTML 10Page - Analog Devices ADSP-21266SKBCZ-2B Datasheet HTML 11Page - Analog Devices ADSP-21266SKBCZ-2B Datasheet HTML 12Page - Analog Devices ADSP-21266SKBCZ-2B Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ADSP-21266
Rev. C
|
Page 9 of 44
|
October 2007
filter circuit for the AVDD pin. Place the filter components as
close as possible to the AVDD/AVSS pins. For an example circuit,
see Figure 4. (A recommended ferrite chip is the muRata
BLM18AG102SN1D). To reduce noise coupling, the PCB
should use a parallel pair of power and ground planes for VDDINT
and GND. Use wide traces to connect the bypass capacitors to
the analog power (AVDD) and ground (AVSS) pins. Note that the
AVDD and AVSS pins specified in Figure 4 are inputs to the pro-
cessor and not the analog ground plane on the board—the AVSS
pin should connect directly to digital ground (GND) at the chip.
TARGET BOARD JTAG EMULATOR CONNECTOR
Analog Devices DSP Tools product line of JTAG emulators uses
the IEEE 1149.1 JTAG test access port of the ADSP-21266 pro-
cessor to monitor and control the target board processor during
emulation. Analog Devices DSP Tools product line of JTAG
emulators provides emulation at full processor speed, allowing
inspection and modification of memory, registers, and proces-
sor stacks. The processor’s JTAG interface ensures that the
emulator will not affect target system loading or timing.
For complete information on Analog Devices SHARC DSP
Tools product line of JTAG emulator operation, see the appro-
priate emulator hardware user’s guide.
DEVELOPMENT TOOLS
The ADSP-21266 is supported by a complete automotive refer-
ence design and development board as well as by a complete
home audio reference design board available from Analog
Devices. These boards implement complete audio decoding and
postprocessing algorithms that are factory programmed into the
ROM space of the ADSP-21266. SIMD optimized libraries con-
sume less processing resources, which results in more available
processing power for custom proprietary features.
The nonvolatile memory of the ADSP-21266 can be configured
to contain a combination of Dolby Digital, Dolby Pro Logic,
Dolby Pro Logic II, Dolby Pro Logic IIx, DTSES, DTS 96/24,
and Neo:6. Multiple S/PDIF and analog I/Os are provided to
maximize end system flexibility.
The ADSP-21266 is also supported with a complete set of
CROSSCORE
®† software and hardware development tools,
including Analog Devices emulators and VisualDSP++
®‡
development environment. The same emulator hardware that
supports other SHARC processors also fully emulates the
ADSP-21266.
The VisualDSP++ project management environment lets pro-
grammers develop and debug an application. This environment
includes an easy to use assembler (which is based on an alge-
braic syntax), an archiver (librarian/library builder), a linker, a
loader, a cycle-accurate instruction-level simulator, a C/C++
compiler, and a C/C++ runtime library that includes DSP and
mathematical functions. A key point for these tools is C/C++
code efficiency. The compiler has been developed for efficient
translation of C/C++ code to DSP assembly. The ADSP-21266
SHARC DSP has architectural features that improve the
efficiency of compiled C/C++ code.
The VisualDSP++ debugger has a number of important fea-
tures. Data visualization is enhanced by a plotting package that
offers a significant level of flexibility. This graphical representa-
tion of user data enables the programmer to quickly determine
the performance of an algorithm. As algorithms grow in com-
plexity, this capability can have increasing significance on the
designer’s development schedule, increasing productivity. Sta-
tistical profiling enables the programmer to nonintrusively poll
the processor as it is running the program. This feature, unique
to VisualDSP++, enables the software developer to passively
gather important code execution metrics without interrupting
the real-time characteristics of the program. Essentially, the
developer can identify bottlenecks in software quickly and effi-
ciently. By using the profiler, the programmer can focus on
those areas in the program that impact performance and take
corrective action.
Debugging both C/C++ and assembly programs with the
VisualDSP++ debugger, programmers can:
• View mixed C/C++ and assembly code (interleaved source
and object information)
• Insert breakpoints
• Set conditional breakpoints on registers, memory,
and stacks
• Perform linear or statistical profiling of program execution
• Fill, dump, and graphically plot the contents of memory
• Perform source level debugging
• Create custom debugger windows
Figure 4. Analog Power Filter Circuit
HI Z FERRITE
BEAD CHIP
LOCATE ALL COMPONENTS
CLOSE TO AVDD AND AVSS PINS
AVDD
AVSS
100nF
10nF
1nF
ADSP-212xx
VDDINT
CROSSCORE is a registered trademark of Analog Devices, Inc.
VisualDSP++ is a registered trademark of Analog Devices, Inc.


Similar Part No. - ADSP-21266SKBCZ-2B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21266SKBCZ-2B AD-ADSP-21266SKBCZ-2B Datasheet
1Mb / 44P
   SHARC Embedded Processor
REV. B
More results

Similar Description - ADSP-21266SKBCZ-2B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com