Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRI64-A1S Datasheet(PDF) 10 Page - STMicroelectronics

Part # LRI64-A1S
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A1S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LRI64-A1S Datasheet HTML 6Page - STMicroelectronics LRI64-A1S Datasheet HTML 7Page - STMicroelectronics LRI64-A1S Datasheet HTML 8Page - STMicroelectronics LRI64-A1S Datasheet HTML 9Page - STMicroelectronics LRI64-A1S Datasheet HTML 10Page - STMicroelectronics LRI64-A1S Datasheet HTML 11Page - STMicroelectronics LRI64-A1S Datasheet HTML 12Page - STMicroelectronics LRI64-A1S Datasheet HTML 13Page - STMicroelectronics LRI64-A1S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Power transfer
LRI64
10/52
4
Power transfer
Power transfer to the LRI64 is accomplished by inductive coupling of the 13.56 MHz radio
signal between the antennas of the LRI64 and VCD. The RF field transmitted by the VCD
induces an AC voltage on the LRI64 antenna, which is then rectified, smoothed and voltage-
regulated. Any amplitude modulation present on the signal is demodulated by the amplitude
shift keying (ASK) demodulator.
4.1
Frequency
ISO 15693 and ISO 18000-3 Mode 1 standards define the carrier frequency (fC) of the
operating field to be 13.56 MHz±7kHz.
4.2
Operating field
The LRI64 operates continuously between Hmin and Hmax.
The minimum operating field is Hmin and has a value of 150mA/m (rms).
The maximum operating field is Hmax and has a value of 5A/m (rms).
A VCD generates a field of at least Hmin and not exceeding Hmax in the operating volume.


Similar Part No. - LRI64-A1S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI64-A1S STMICROELECTRONICS-LRI64-A1S Datasheet
547Kb / 38P
   Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
LRI64-A1S STMICROELECTRONICS-LRI64-A1S Datasheet
523Kb / 52P
   Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
LRI64-A1S/XXX STMICROELECTRONICS-LRI64-A1S/XXX Datasheet
547Kb / 38P
   Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
More results

Similar Description - LRI64-A1S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LRI64 STMICROELECTRONICS-LRI64_07 Datasheet
523Kb / 52P
   Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
LRI2K STMICROELECTRONICS-LRI2K_08 Datasheet
769Kb / 89P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRI1K STMICROELECTRONICS-LRI1K Datasheet
638Kb / 86P
   1024-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRI2K STMICROELECTRONICS-LRI2K Datasheet
760Kb / 89P
   13.56 MHz, 2048-bit EEPROM tag IC with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
LRI64 STMICROELECTRONICS-LRI64 Datasheet
547Kb / 38P
   Memory TAG IC, 64-bit Unique ID with WORM User Area 13.56MHz, ISO15693 and ISO18000-3 Mode 1 Compliant
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
LRIS2K STMICROELECTRONICS-LRIS2K_08 Datasheet
852Kb / 102P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
LRIS2K STMICROELECTRONICS-LRIS2K_11 Datasheet
575Kb / 98P
   2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
SR176 STMICROELECTRONICS-SR176 Datasheet
118Kb / 5P
   13.56 MHz Short Range Contactless Memory Chip 176 bit USER EEPROM and 64-bit Unique ID
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com