Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM64GS12L-5 Datasheet(PDF) 2 Page - Hantronix,Inc

Part # HDM64GS12L-5
Description  128 x 64 GRAPHICS LCD DISPLAY MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM64GS12L-5 Datasheet(HTML) 2 Page - Hantronix,Inc

  HDM64GS12L-5 Datasheet HTML 1Page - Hantronix,Inc HDM64GS12L-5 Datasheet HTML 2Page - Hantronix,Inc HDM64GS12L-5 Datasheet HTML 3Page - Hantronix,Inc HDM64GS12L-5 Datasheet HTML 4Page - Hantronix,Inc HDM64GS12L-5 Datasheet HTML 5Page - Hantronix,Inc HDM64GS12L-5 Datasheet HTML 6Page - Hantronix,Inc HDM64GS12L-5 Datasheet HTML 7Page - Hantronix,Inc HDM64GS12L-5 Datasheet HTML 8Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HANTRONIX, INC.
10080 BUBB RD.
CUPERTINO, CA 95014
DATE:
Q.A.:
REV.:
SHEET 2 OF 8
JK
1.0
HDM64GS12L-5
I. General Specifications
1. General
The Hantronix dot matrix graphic LCD module consist of liquid crystal display
CMOS common driver and CMOS segment driver, a Gray STN Positive LCD,
a Yellow-Green LED Backlight and a dc-dc-converter.
2. Features
A. 64 Bits Shift Register to Internal LCD Circuit.
B. Display Data Is Stored In Display Data Ram From MPU
C. High Voltage CMOS Process.
D. Drive Method: 1/64 Duty, 1/9 Bias
E. The Module Operating Voltage: 5V
F. The LCD Operating Voltage: 9.0V;
G. Viewing Direction:
6:00 or 12:00 h
H. Operating Temperature: -20
°C~70°C
I. Storage Temperature:
-30
°C~85°C
J. The Connector Method Between LCD And PCB: Zebra.
K. Built-in Controller : Samsung KS108B
3.Mechanical Data:
(1) Module Size ----------------------- 75.0 w x 52.7 h mm
(2) Viewing Area --------------------- 60.5 w x 33.0 h mm
(3) Dot Size ------------------------- 0.4 w x 0.4 h mm
(4) Dot Quality------------------------ 128*64
1/30/03


Similar Part No. - HDM64GS12L-5

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM64GS12L-4 HANTRONIX-HDM64GS12L-4_15 Datasheet
173Kb / 16P
   128 x 64 GRAPHICS LCD DISPLAY MODULE
HDM64GS12L-Y11S HANTRONIX-HDM64GS12L-Y11S Datasheet
66Kb / 2P
   128 X 64 Dots Graphic
More results

Similar Description - HDM64GS12L-5

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM64GS12L-4 HANTRONIX-HDM64GS12L-4_15 Datasheet
173Kb / 16P
   128 x 64 GRAPHICS LCD DISPLAY MODULE
logo
Crystalfontz America, I...
CFAG12864T3-TFH CRYSTAIFONTZ-CFAG12864T3-TFH Datasheet
445Kb / 10P
   128 x 64 GRAPHIC LCD DISPLAY
CFAG12864U3-TFH CRYSTAIFONTZ-CFAG12864U3-TFH Datasheet
463Kb / 10P
   128 x 64 GRAPHIC LCD DISPLAY
CFAG12864U3-NFH CRYSTAIFONTZ-CFAG12864U3-NFH Datasheet
547Kb / 10P
   128 x 64 GRAPHIC LCD DISPLAY
logo
LUMEX INC.
LCR-U12864GSF-W LUMEX-LCR-U12864GSF-W Datasheet
267Kb / 2P
   128 X 64 Character LCD MODULE
LCM-H12864GSF-R-Y LUMEX-LCM-H12864GSF-R-Y Datasheet
123Kb / 2P
   128 X 64 Graphic LCD MODULE
logo
Hantronix,Inc
HDM6448-6 HANTRONIX-HDM6448-6_15 Datasheet
157Kb / 15P
   640 x 480 GRAPHICS LCD DISPLAY MODULE
HDM3224-Z HANTRONIX-HDM3224-Z_15 Datasheet
211Kb / 18P
   320 x 240 GRAPHICS LCD DISPLAY MODULE
HDM2432L-T HANTRONIX-HDM2432L-T_15 Datasheet
196Kb / 17P
   240 x 320 GRAPHICS LCD DISPLAY MODULE
logo
List of Unclassifed Man...
WG12864C ETC-WG12864C Datasheet
292Kb / 1P
   LCD MODULE GRAPHIC 128 X 64 DOTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com