Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-21UBC Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 19-21UBC
Description  Chip LED (0.8 mm Height)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-21UBC Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  19-21UBC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-21UBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-21UBC/C430/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev1
Page: 8 of 9
Device No:SZDSE-191-020
Prepared date: 20-Aug-2005
Prepared by: Meng Yali
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 60%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - 19-21UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-21UYC EVERLIGHT-19-21UYC Datasheet
138Kb / 9P
   19-21UYC/S530-XX/TR8
19-21UYC-S530-A3-TR8 EVERLIGHT-19-21UYC-S530-A3-TR8 Datasheet
140Kb / 9P
   0603 Package Chip LED (0.6mm Height)
19-21UYC/S530-XX/TR8 EVERLIGHT-19-21UYC/S530-XX/TR8 Datasheet
138Kb / 9P
   19-21UYC/S530-XX/TR8
More results

Similar Description - 19-21UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-21SYGC EVERLIGHT-19-21SYGC Datasheet
151Kb / 9P
   Chip LED (0.8 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-ANPHY-3T TO-GRACE-19-21-T1D-ANPHY-3T Datasheet
855Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-T1D-ANPHY-3T EVERLIGHT-19-21-T1D-ANPHY-3T Datasheet
164Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-T1D-CPQTY-3T TO-GRACE-19-21-T1D-CPQTY-3T Datasheet
767Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-W1D-ANPHY-3T EVERLIGHT-19-21-W1D-ANPHY-3T Datasheet
154Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-21-W1D-ANPHY-3T TO-GRACE-19-21-W1D-ANPHY-3T Datasheet
681Kb / 11P
   0603 Package Chip LED (0.8 mm Height)
logo
Everlight Electronics C...
19-21-T1D-CPQTY-3T EVERLIGHT-19-21-T1D-CPQTY-3T Datasheet
154Kb / 12P
   0603 Package Chip LED (0.8 mm Height)
logo
Kingbright Corporation
AP1608 KINGBRIGHT-AP1608 Datasheet
97Kb / 4P
   1.6 X 0.8 MM SMD CHIP LED LAMP
APT1608QWF-D-AMT KINGBRIGHT-APT1608QWF-D-AMT Datasheet
321Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
APTD1608LQBC-D KINGBRIGHT-APTD1608LQBC-D Datasheet
318Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com