Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6GHBHC-A01 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # R6GHBHC-A01
Description  0.5mm Height Chip LED with Full Color
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

R6GHBHC-A01 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button R6GHBHC-A01 Datasheet HTML 2Page - Everlight Electronics Co., Ltd R6GHBHC-A01 Datasheet HTML 3Page - Everlight Electronics Co., Ltd R6GHBHC-A01 Datasheet HTML 4Page - Everlight Electronics Co., Ltd R6GHBHC-A01 Datasheet HTML 5Page - Everlight Electronics Co., Ltd R6GHBHC-A01 Datasheet HTML 6Page - Everlight Electronics Co., Ltd R6GHBHC-A01 Datasheet HTML 7Page - Everlight Electronics Co., Ltd R6GHBHC-A01 Datasheet HTML 8Page - Everlight Electronics Co., Ltd R6GHBHC-A01 Datasheet HTML 9Page - Everlight Electronics Co., Ltd R6GHBHC-A01 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-137/R6GHBHC-A01/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 6 of 12
Device No. : DSE-137-A01
Prepared date: 06-Apr-2006
Prepared by : Alex Chen
Typical Electro-Optical Characteristics Curves
GH


Similar Part No. - R6GHBHC-A01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
R6GHBHC EVERLIGHT-R6GHBHC Datasheet
199Kb / 12P
   Full Color Chip LED
More results

Similar Description - R6GHBHC-A01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-137-R6GHBHC-A01-2T EVERLIGHT-19-137-R6GHBHC-A01-2T Datasheet
279Kb / 12P
   0.5mm Height Chip LED with Full Color
logo
HK TO-GRACE TECHNOLOGY ...
19-137-R6GHBHC-A01-2T TO-GRACE-19-137-R6GHBHC-A01-2T Datasheet
1Mb / 12P
   0.5mm Height Chip LED with Full Color
logo
Everlight Electronics C...
19-337-R6GHBHC-A01-2T EVERLIGHT-19-337-R6GHBHC-A01-2T Datasheet
268Kb / 12P
   0.35mm Height Chip LED with Full Color
19-237-R6GHBHC-A01 EVERLIGHT-19-237-R6GHBHC-A01 Datasheet
217Kb / 12P
   0.35mm Height Chip LED with Full Color
logo
HK TO-GRACE TECHNOLOGY ...
19-337-R6GHBHC-A01-2T TO-GRACE-19-337-R6GHBHC-A01-2T Datasheet
906Kb / 12P
   0.35mm Height Chip LED with Full Color
logo
Everlight Electronics C...
12-337-S2GHBHC-A01 EVERLIGHT-12-337-S2GHBHC-A01 Datasheet
236Kb / 12P
   0.35mm Height Chip LED with Full Color
19-337-R6GHBHC-A01 EVERLIGHT-19-337-R6GHBHC-A01 Datasheet
218Kb / 12P
   0.35mm Height Chip LED with Full Color
19-237-R6GHBHC-A01-2T EVERLIGHT-19-237-R6GHBHC-A01-2T Datasheet
217Kb / 12P
   0.35mm Height Chip LED with Full Color
S2GHBHC-A01 EVERLIGHT-S2GHBHC-A01 Datasheet
221Kb / 12P
   0.35mm Height Chip LED with Full Color
logo
OPTEK Technologies
OVSTKGBBCR9 OPTEK-OVSTKGBBCR9 Datasheet
804Kb / 6P
   Full Color .35mm Height Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com