Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-217-BHC-AN1P2 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 19-217-BHC-AN1P2
Description  Chip LED(0.4mm Height)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-217-BHC-AN1P2 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 19-217-BHC-AN1P2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-217-BHC-AN1P2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-217-BHC-AN1P2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-217-BHC-AN1P2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-217-BHC-AN1P2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-217-BHC-AN1P2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-217-BHC-AN1P2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-217-BHC-AN1P2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 19-217-BHC-AN1P2 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-217/BHC-AN1P2/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 10 of 10
Device No:SZDSE-197-B01
Prepared date:17-10-2006
Prepared by: Bian Chang You
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of
the hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 19-217-BHC-AN1P2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-217-BHC-AN1P2-3T EVERLIGHT-19-217-BHC-AN1P2-3T Datasheet
158Kb / 10P
   0603 Package Chip LED(0.4mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-217-BHC-AN1P2-3T TO-GRACE-19-217-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED(0.4mm Height)
More results

Similar Description - 19-217-BHC-AN1P2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-ZL1M2RY EVERLIGHT-BHC-ZL1M2RY Datasheet
152Kb / 10P
   chip LED(0.4mm Height)
19-217-GHC-YR1S2 EVERLIGHT-19-217-GHC-YR1S2 Datasheet
159Kb / 10P
   Chip LED(0.4mm Height)
S2C-AM2N2VY EVERLIGHT-S2C-AM2N2VY Datasheet
160Kb / 10P
   Chip LED (0.4mm Height)
S2C-FM2P1VY EVERLIGHT-S2C-FM2P1VY Datasheet
170Kb / 10P
   Chip LED (0.4mm Height)
W1D-DP1Q2QY EVERLIGHT-W1D-DP1Q2QY Datasheet
149Kb / 12P
   Chip LED (0.4mm Height)
19-217-R6C-AM2P1VY EVERLIGHT-19-217-R6C-AM2P1VY Datasheet
142Kb / 10P
   Chip LED (0.4mm Height)
G7C-AL1M2B EVERLIGHT-G7C-AL1M2B Datasheet
151Kb / 10P
   Chip LED(0.4mm Height)
R6C-AL1M2VY EVERLIGHT-R6C-AL1M2VY Datasheet
150Kb / 10P
   Chip LED (0.4mm Height)
R6C-P1Q2 EVERLIGHT-R6C-P1Q2 Datasheet
159Kb / 10P
   Chip LED (0.4mm Height)
19-217-W1D-APQHY EVERLIGHT-19-217-W1D-APQHY Datasheet
150Kb / 11P
   Chip LED (0.4mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com