Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R72G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R72G
Description  Pressure Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R72G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R72G Datasheet HTML 1Page - List of Unclassifed Manufacturers R72G Datasheet HTML 2Page - List of Unclassifed Manufacturers R72G Datasheet HTML 3Page - List of Unclassifed Manufacturers R72G Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4/98
N/AL.8.160.200.01
R72G, R72R
Ordering Information
See
Ordering Information on the following
pages.
ISO Symbols
R72G Relieving
R72G Non Relieving
R72R Relieving
R72R Non Relieving
EXCELON®72
Pressure Regulator
1/4
", 3/8" Port Sizes
q EXCELON design allows in-line or modular
installation
q Full flow gauge ports
q Balanced valve design for optimum pressure control
q Push to lock adjusting knob with tamper resistant
accessory
q R72R reverse flow option
q Modular installations with EXCELON 72, 73, and 74
series can be made to suit particular applications
Technical Data
Fluid: Compressed air
Maximum pressure: 20 bar (290 psig)
Operating temperature*: -20° to +65°C (0° to +150°F)
* Air supply must be dry enough to avoid ice formation at temperatures below +2°C
(+35°F).
Approximate flow at 10 bar (150 psig) inlet pressure, 6,3 bar
(90 psig) set pressure and a droop of 1 bar (15 psig) from set:
33 dm3/s (70 scfm)
Gauge ports:
1/8
" PTF with PTF main ports
1/8
" ISO Rc with ISO Rc main ports
1/8
" ISO Rc with ISO G main ports
Materials:
Body: Zinc
Bonnet: Acetal
Valve: Brass
Elastomers: Nitrile
Bottom plug: Acetal
Our policy is one of continuous research and development.
We reserve the right to amend, without notice, the specifications given in this document.
Back to Selector Page


Similar Part No. - R72G

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R720 POWEREX-R720 Datasheet
990Kb / 4P
   General Purpose Rectifier (600-1200 Amperes Average 4400 Volts)
R7200106 POWEREX-R7200106 Datasheet
990Kb / 4P
   General Purpose Rectifier (600-1200 Amperes Average 4400 Volts)
R7200109 POWEREX-R7200109 Datasheet
990Kb / 4P
   General Purpose Rectifier (600-1200 Amperes Average 4400 Volts)
R7200112 POWEREX-R7200112 Datasheet
990Kb / 4P
   General Purpose Rectifier (600-1200 Amperes Average 4400 Volts)
R7200206 POWEREX-R7200206 Datasheet
990Kb / 4P
   General Purpose Rectifier (600-1200 Amperes Average 4400 Volts)
More results

Similar Description - R72G

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529424 FESTO-529424 Datasheet
85Kb / 2P
   Pressure regulator
3/16/22
531450 FESTO-531450 Datasheet
84Kb / 2P
   Pressure regulator
3/16/22
530320 FESTO-530320 Datasheet
93Kb / 1P
   Pressure regulator
3/17/22
531828 FESTO-531828 Datasheet
92Kb / 1P
   Pressure regulator
3/17/22
531830 FESTO-531830 Datasheet
94Kb / 1P
   Pressure regulator
3/17/22
564142 FESTO-564142 Datasheet
81Kb / 1P
   Pressure regulator
3/16/22
531422 FESTO-531422 Datasheet
85Kb / 2P
   Pressure regulator
3/16/22
529481 FESTO-529481 Datasheet
89Kb / 2P
   Pressure regulator
3/17/22
531793 FESTO-531793 Datasheet
92Kb / 2P
   Pressure regulator
3/17/22
8086002 FESTO-8086002 Datasheet
82Kb / 1P
   Pressure regulator
4/15/22
8086008 FESTO-8086008 Datasheet
87Kb / 1P
   Pressure regulator
4/15/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com