Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPH15S2415XXX Datasheet(PDF) 8 Page - C&D Technologies

Part # NPH15S2415XXX
Description  Isolated 15W Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NPH15S2415XXX Datasheet(HTML) 8 Page - C&D Technologies

  NPH15S2415XXX Datasheet HTML 1Page - C&D Technologies NPH15S2415XXX Datasheet HTML 2Page - C&D Technologies NPH15S2415XXX Datasheet HTML 3Page - C&D Technologies NPH15S2415XXX Datasheet HTML 4Page - C&D Technologies NPH15S2415XXX Datasheet HTML 5Page - C&D Technologies NPH15S2415XXX Datasheet HTML 6Page - C&D Technologies NPH15S2415XXX Datasheet HTML 7Page - C&D Technologies NPH15S2415XXX Datasheet HTML 8Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
www.cd4power.com
NPH15S SERIES
Isolated 15W Single Output DC/DC Converters
KDC_NPH15SC.6 Page 8 of 8
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing
process at any time, without notice. Please check with your supplier or visit our website to ensure that you have the current
and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2005 KDC_NPH15SC.6
No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including,
but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D
Technologies (NCL) Limited. Instructions for use are available from www.cd4power.com
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes, MK14 5BU, UK
Tel: +44 (0)1908 615232
Fax: +44 (0)1908 617545
email: MK@cdtechno.com
C&D Technologies, Inc.
11 Cabot Boulevard, Mansfield
MA 02048-1151, USA
Tel: +1 (508) 339-3000
Fax: +1 (800) 233-2765
email: sales@cdtechno.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT
Weight: 36g
All dimensions in inches ±0.01 (mm ±0.25mm)
All pins on a 0.10 (2.54) pitch and within ±0.01 (2.54) of true position
* Optional control pins
The copper case is internally connected to the output (-VOUT) pin. Care is needed in the design of this circuit
board on which the converter is mounted. Top side tracks must not contact the edge of the case or the ferrite
core, visible on the underside of the unit.
All dimensions in inches ±0.01 (mm ±0.25mm)
Tube length: 530 (20.866) ±2 (0.079)
Tube material: Antistatic coated clear PVC
Tube Quantity: 15
All dimensions in inches ±0.01 (mm ±0.25mm)
* Optional control pins
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering
systems with a peak wave solder temperature of
300ºC for 10 seconds. The pin termination finish
on this product series is Matte Tin over Nickel
Preplate. The series is backward compatible
with Sn/Pb soldering systems.
For further information, please visit www.cd4power.com/rohs


Similar Part No. - NPH15S2415XXX

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH15S2415EIC MURATA-NPH15S2415EIC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NPH15S2415EiC MURATA-PS-NPH15S2415EiC Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
C&D Technologies
NPH15S2415I CANDD-NPH15S2415I Datasheet
134Kb / 2P
   Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2415IC MURATA-NPH15S2415IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NPH15S2415iC MURATA-PS-NPH15S2415iC Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
More results

Similar Description - NPH15S2415XXX

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NPH15S MURATA-PS-NPH15S Datasheet
190Kb / 8P
   Isolated 15W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
logo
C&D Technologies
NPH15S CANDD-NPH15S Datasheet
134Kb / 2P
   Isolated 15W Single Output DC-DC Converters
logo
SL Power Electronics
DH1-15 SLPOWER-DH1-15 Datasheet
213Kb / 2P
   15W SINGLE OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
A1500RU MPD-A1500RU Datasheet
272Kb / 2P
   15W Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com