Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPM14ATR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STPM14ATR
Description  Single phase energy metering IC with pulsed output and digital calibration
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM14ATR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STPM14ATR Datasheet HTML 5Page - STMicroelectronics STPM14ATR Datasheet HTML 6Page - STMicroelectronics STPM14ATR Datasheet HTML 7Page - STMicroelectronics STPM14ATR Datasheet HTML 8Page - STMicroelectronics STPM14ATR Datasheet HTML 9Page - STMicroelectronics STPM14ATR Datasheet HTML 10Page - STMicroelectronics STPM14ATR Datasheet HTML 11Page - STMicroelectronics STPM14ATR Datasheet HTML 12Page - STMicroelectronics STPM14ATR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
STPM11/12/13/14
Electrical characteristics
9/45
4
Electrical characteristics
Table 4.
Electrical characteristics
(VCC = 5 V, TA= 25°C, 2.2 µF between VDDA and VSS, 2.2 µF between VDDD and VSS, 2.2 µF
between VCC and VSS unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Energy measurement accuracy
fBW
Effective bandwidth
Limited by digital filtering
5
400
Hz
Error
Measurement error
Over the dynamic range (5% to
1000% of the calibration power
value)
0.1
%
SNR
Signal to noise ratio
Over the entire bandwidth
52
db
PSRRDC Power supply DC rejection
Voltage signal: 200mVrms/50Hz
Current signal: 10mVrms/50 Hz
fCLK= 4.194 MHz
VCC=3.3V±10%, 5 V±10%
0.2
%
PSRRAC Power supply AC rejection
Voltage signal:
200 mVrms/50 Hz
Current signal:
10 mVrms/50 Hz
fCLK = 4.194 MHz,
VCC=3.3 V+0.2 Vrms1@100 Hz
VCC=5.0 V+0.2 Vrms1@100 Hz
0.1
%
General section
VCC
Operating supply voltage
3.0
5.5
V
ICC
Supply current configuration
registers cleared or device
locked (TSTD=1)
4 MHz, VCC = 5 V
3.5
4
mA
8 MHz, VCC = 5 V
4.7
6
ΔICC
Increase of supply current per
configuration bit, during
programming
4 MHz, VCC = 5 V
120
µA/bit
Increase of supply current per
configuration bit with device
locked
4 MHz, VCC = 5 V
2
POR
Power on reset on VCC
2.5
V
VDDA
Analog supply voltage
2.85
3.0
3.15
V
VDDD
Digital supply voltage
1.425
1.50
1.575
V
fCLK
Oscillator clock frequency
MDIV bit = 0
4.000
4.194
MHz
MDIV bit = 1
8.000
8.192
MHz
fLINE
Nominal line frequency
45
65
Hz
VOTP
OTP programming voltage
14
20
V
IOTP
OTP programming current per
bit
2.5
mA
tOTP
OTP programming time per bit
100
300
µs


Similar Part No. - STPM14ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM14ATR STMICROELECTRONICS-STPM14ATR Datasheet
918Kb / 43P
   Single phase energy metering IC with pulsed output and digital calibration
More results

Similar Description - STPM14ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPM11 STMICROELECTRONICS-STPM11 Datasheet
918Kb / 43P
   Single phase energy metering IC with pulsed output and digital calibration
logo
Analog Devices
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
   Polyphase Energy Metering IC with Pulsed Output
Rev. PrA
logo
ams AG
AS8168 AMSCO-AS8168 Datasheet
250Kb / 30P
   Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
AS8118 AMSCO-AS8118_1 Datasheet
287Kb / 30P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
AS8118 AMSCO-AS8118 Datasheet
36Kb / 1P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
logo
Analog Devices
ADE7752 AD-ADE7752 Datasheet
474Kb / 10P
   Three Phase Energy Metering IC with Pulse Output
REV. PrB 08/01
ADE7763 AD-ADE7763 Datasheet
1Mb / 56P
   Single-Phase Active and Apparent Energy Metering IC
REV. A
ADE7763 AD-ADE7763_15 Datasheet
828Kb / 56P
   Single-Phase Active and Apparent Energy Metering IC
REV. C
ADE7763 AD-ADE7763_13 Datasheet
828Kb / 56P
   Single-Phase Active and Apparent Energy Metering IC
REV. C
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
   Programmable single phase energy metering IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com