Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1203DUB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203DUB
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203DUB Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1203DUB Datasheet HTML 4Page - Texas Instruments AMC1203DUB Datasheet HTML 5Page - Texas Instruments AMC1203DUB Datasheet HTML 6Page - Texas Instruments AMC1203DUB Datasheet HTML 7Page - Texas Instruments AMC1203DUB Datasheet HTML 8Page - Texas Instruments AMC1203DUB Datasheet HTML 9Page - Texas Instruments AMC1203DUB Datasheet HTML 10Page - Texas Instruments AMC1203DUB Datasheet HTML 11Page - Texas Instruments AMC1203DUB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
TIMING INFORMATION
MCLK
t
CLK
MDAT
t
HIGH
t
D
t
S
t
H
TIMING CHARACTERISTICS FOR MODULATOR OUTPUT MODE
AMC1203
SBAS427 – FEBRUARY 2008
Figure 2. Modulator Output Mode Timing
Over recommended operating free-air temperature range at –40
°C to +105°C, V
DD1 = +5V, and VDD2 = +5V, unless otherwise noted.
PARAMETER
MIN
TYP
MAX
UNIT
tCLK
MCLK clock period
83.33
100
125
ns
tHIGH
MCLK clock high time
(tCLK/2) – 8
tP/2
(tCLK/2) + 8
ns
tD
Data delay after falling edge of MCLK
–2
0
2
ns
tS
Data setup time prior to rising edge of MCLK
31.5
ns
tH
Data hold time after rising edge of MCLK
31.5
ns
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AMC1203


Similar Part No. - AMC1203DUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203DUB TI-AMC1203DUB Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203DUBG4 TI-AMC1203DUBG4 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203DUBR TI-AMC1203DUBR Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Similar Description - AMC1203DUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com