Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1203DWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203DWR
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203DWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC1203DWR Datasheet HTML 6Page - Texas Instruments AMC1203DWR Datasheet HTML 7Page - Texas Instruments AMC1203DWR Datasheet HTML 8Page - Texas Instruments AMC1203DWR Datasheet HTML 9Page - Texas Instruments AMC1203DWR Datasheet HTML 10Page - Texas Instruments AMC1203DWR Datasheet HTML 11Page - Texas Instruments AMC1203DWR Datasheet HTML 12Page - Texas Instruments AMC1203DWR Datasheet HTML 13Page - Texas Instruments AMC1203DWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.ti.com
1
10
100
1000
V
IN
PP
(mV
)
100
90
80
70
60
50
40
30
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
90
89
88
87
86
85
84
83
82
81
80
f
=500Hz
IN
100
10k
1k
f
IN (Hz)
110
105
100
95
90
85
80
75
70
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
90
89
88
87
86
85
84
83
82
81
80
f
=1kHz
IN
100
10k
1k
f
(Hz)
IN
-80
-85
-90
-95
-100
-105
-110
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
-80
-85
-90
-95
-100
-105
-110
AMC1203
SBAS427 – FEBRUARY 2008
TYPICAL CHARACTERISTICS (continued)
At VDD1 = VDD2 = 5V, VIN+ = –280mV to +280mV, VIN– = 0V, and sinc
3 filter with OSR = 256, unless otherwise noted.
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE RATIO
vs INPUT SIGNAL AMPLITUDE
vs TEMPERATURE
Figure 9.
Figure 10.
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE RATIO
vs INPUT SIGNAL FREQUENCY
vs TEMPERATURE
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs INPUT SIGNAL FREQUENCY
vs TEMPERATURE
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AMC1203


Similar Part No. - AMC1203DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203DWR TI-AMC1203DWR Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Similar Description - AMC1203DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com