Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19-218UWD Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 19-218UWD
Description  Chip LED (0.3mm Height)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-218UWD Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  19-218UWD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-218UWD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-218UWD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-218UWD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-218UWD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-218UWD Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-218UWD Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-218UWD Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-218UWD Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.5
Page: 3 of 13
Device No. : DSE-198-001
Prepared date: 23-Aug-2005
Prepared by: Jeff Tsai
19-218UWD/S327/TR8
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
260 (for 5 seconds)
Electrostatic Discharge
ESD
150
V
Power Dissipation
Pd
110
mW
Peak Forward Current
(Duty 1/10 @1KHz)
IF
100
mA
Notes:
*We only guarantee the ESD <2000V after customer to process.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
112
-----
285
mcd
Viewing Angle
2θ1/2
-----
130
-----
deg
Forward Voltage
VF
2.70
-----
3.30
V
IF=10mA
Reverse Current
IR
-----
-----
50
μA
VR=5V
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Forward Voltage ±0.05V


Similar Part No. - 19-218UWD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T Datasheet
178Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T Datasheet
180Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-BHC-ZL1M2QY-3T TO-GRACE-19-218-BHC-ZL1M2QY-3T Datasheet
711Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T_11 Datasheet
180Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-GHC-YR1S2M-3T EVERLIGHT-19-218-GHC-YR1S2M-3T Datasheet
172Kb / 10P
   0603 Package Chip LED (0.3mm Height)
More results

Similar Description - 19-218UWD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-ZL1M2QY EVERLIGHT-BHC-ZL1M2QY Datasheet
135Kb / 10P
   Chip LED (0.3mm Height)
T1D-AQ2R2TY EVERLIGHT-T1D-AQ2R2TY Datasheet
153Kb / 12P
   Chip LED (0.3mm Height)
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T Datasheet
178Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-BHC-ZL1M2QY-3T TO-GRACE-19-218-BHC-ZL1M2QY-3T Datasheet
711Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-118-BHC-ZL1M2QY-3T EVERLIGHT-19-118-BHC-ZL1M2QY-3T Datasheet
142Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T_11 Datasheet
180Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T_11 Datasheet
143Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-R6C-FM2P1B7Y-3T TO-GRACE-19-218-R6C-FM2P1B7Y-3T Datasheet
698Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-T1D-CQ2R2TY-3T TO-GRACE-19-218-T1D-CQ2R2TY-3T Datasheet
482Kb / 12P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-218-R6C-AL1M2VY-3T EVERLIGHT-19-218-R6C-AL1M2VY-3T Datasheet
208Kb / 10P
   0603 Package Chip LED (0.3mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com