Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90522A Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90522A
Description  16-bit Proprietary Microcontroller
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90522A Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90522A Datasheet HTML 1Page - Fujitsu Component Limited. MB90522A Datasheet HTML 2Page - Fujitsu Component Limited. MB90522A Datasheet HTML 3Page - Fujitsu Component Limited. MB90522A Datasheet HTML 4Page - Fujitsu Component Limited. MB90522A Datasheet HTML 5Page - Fujitsu Component Limited. MB90522A Datasheet HTML 6Page - Fujitsu Component Limited. MB90522A Datasheet HTML 7Page - Fujitsu Component Limited. MB90522A Datasheet HTML 8Page - Fujitsu Component Limited. MB90522A Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
MB90520A/520B Series
2
(Continued)
• Sub-clock (32.768 KHz) operation available
Minimum instruction execution time : 62.5 ns (for oscillation
= 4 MHz, PLL clock setting = ×4, VCC = 5.0 V)
• 16MB CPU memory space
Internal 24-bit addressing
• Instruction set optimized for controller applications
Rich data types (bit, byte, word, long-word)
Extended addressing modes (23 types)
Enhanced signed multiplication and division instructions and RETI instruction
Enhanced calculation precision using a 32-bit accumulator
• Instruction set designed for high-level language (C) and multi-tasking
System stack pointer
Enhanced pointer-indirect instructions and barrel shift instructions
• Faster execution speed
4-byte instruction queue
ROM mirror function (48 Kbytes of bank FF is mirrored in bank 00)
• Program patch function : An address match detection function (2
× addresses)
• Interrupt function
32 programmable interrupts with 8 levels
• Automatic data transmission function independent of CPU operation
Extended intelligent I/O service function (EI2OS) : Up to 16 channels
• Low-power consumption (stand-by) modes
Sleep mode (CPU operating clock stops, peripherals continue to operate.)
Pseudo-clock mode (Only oscillation clock and timebase timer continue to operate.)
Clock mode (Main oscillation clock stops, sub-clock and clock timer continue to operate.)
Stop mode (Main oscillation and sub-clock both stop.)
CPU intermittent operation mode
Hardware stand-by mode (Change to stop mpde by operating hardware stand-by pins.)
• Process
CMOS technology
• I/O ports
General-purpose I/O ports (CMOS input/output) : 53 ports
General-purpose I/O ports (inputs with pull-up resistors) : 24 ports
General-purpose I/O ports (Nch open-drain outputs) : 8 ports
• Timers
Timebase timer, clock timer, watchdog timer : 1 channel each
8/16-bit PPG timers 0 and 1 : 8-bit
× 2 channels or 16-bit × 1 channel
16-bit reload timers 0 and 1 : 2 channels
16-bit I/O timers :
16-bit free-run timers 0 and 1 : 2 channels
16-bit input capture 0 : 2 channels (2 channels per unit)
16-bit output compare 0 and 1 : 8 channels (4 channels per unit)
8/16-bit up/down counter/timers 0 and 1 : 8-bit
× 2 channels or 16-bit × 1 channel
Clock output function : 1 channel
• Communications macro (communication interface)
Extended I/O serial interfaces 0 and 1 : 2 channels
UART (full-duplex, double-buffered, SCI : Can also be used for synchronous serial transfer) : 1 channel


Similar Part No. - MB90522A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90522A FUJITSU-MB90522A Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90522APFF FUJITSU-MB90522APFF Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
MB90522APFV FUJITSU-MB90522APFV Datasheet
978Kb / 99P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90522A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com