Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC175AD Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC175AD
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC175AD Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC175AD Datasheet HTML 1Page - Texas Instruments SN75LBC175AD Datasheet HTML 2Page - Texas Instruments SN75LBC175AD Datasheet HTML 3Page - Texas Instruments SN75LBC175AD Datasheet HTML 4Page - Texas Instruments SN75LBC175AD Datasheet HTML 5Page - Texas Instruments SN75LBC175AD Datasheet HTML 6Page - Texas Instruments SN75LBC175AD Datasheet HTML 7Page - Texas Instruments SN75LBC175AD Datasheet HTML 8Page - Texas Instruments SN75LBC175AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN65LBC175A, SN75LBC175A
QUADRUPLE RS485 DIFFERENTIAL LINE RECEIVERS
SLLS455B − NOVEMBER 2000 − REVISED MARCH 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
−80
−10
VIT−
Negative-going differential input voltage
threshold
−7 V < VCM < 12 V (VCM = (VA + VB ) / 2 )
−200
−120
mV
VHYS
Hysteresis voltage (VIT+ − VIT−)
−40
mV
VIK
Input clamp voltage
II = −18 mA
−1.5
−0.8
V
VOH
High-level output voltage
VID = 200 mV,
IOH = −8 mA
See Figure 1
2.7
4.8
V
VOL
Low-level output voltage
VID = −200 mV,
IOL = 8 mA
See Figure 1
0.2
0.4
V
IOZ
High-impedance-state output current
VO = 0 V to VCC
−1
1
µA
II
Line input current
Other input at 0 V,
V
= 0 V or 5 V
VI = 12 V
0.9
mA
II
Line input current
Other input at 0 V,
VCC = 0 V or 5 V
VI = −7 V
−0.7
mA
IIH
High-level input current
Enable inputs
100
µA
IIL
Low-level input current
Enable inputs
−100
µA
RI
Input resistance
A, B
12
k
ICC
Supply current
VID = 5 V
1,2EN, 3,4EN at 0 V
20
mA
ICC
Supply current
No load
1,2EN, 3,4EN at VCC
11
16
mA
† All typical values are at VCC = 5 V and 25°C.
switching characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tr
Output rise time
2
4
ns
tf
Output fall time
VID = −3 V to 3 V, See Figure 2
2
4
ns
tPLH
Propagation delay time, low-to-high level output
VID = −3 V to 3 V, See Figure 2
9
12
16
ns
tPHL
Propagation delay time, high-to-low level output
9
12
16
ns
tPZH
Propagation delay time, high-impedance to high-level output
See Figure 3
27
38
ns
tPHZ
Propagation delay time, high-level to high-impedance output
See Figure 3
7
16
ns
tPZL
Propagation delay time, high-impedance to low level output
See Figure 4
29
38
ns
tPLZ
Propagation delay time, low-level to high-impedance output
See Figure 4
12
16
ns
tsk(p)
Pulse skew (| (tPLH – tPHL) |)
0.2
1
ns
tsk(o)
Output skew (see Note 4)
2
ns
tsk(pp)
Part-to-part skew (see Note 5)
2
ns
† All typical values are at VCC = 5 V and 25°C.
NOTES:
4. Outputs skew (tsk(o)) is the magnitude of the time delay difference between the outputs of a single device with all of the inputs
connected together.
5. Part-to-part skew (tsk(pp)) is the magnitude of the difference in propagation delay times between any specified terminals of two
devices when both devices operate with the same input signals, the same supply voltages, at the same temperature, and have
identical packages and test circuits.


Similar Part No. - SN75LBC175AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC175AD TI-SN75LBC175AD Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN75LBC175AD TI-SN75LBC175AD Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN75LBC175ADG4 TI-SN75LBC175ADG4 Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN75LBC175ADG4 TI-SN75LBC175ADG4 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN75LBC175ADR TI-SN75LBC175ADR Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN75LBC175AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A TI-SN65LBC173A_07 Datasheet
419Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A TI-SN65LBC173A_08 Datasheet
572Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC175A TI-SN65LBC175A_07 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com