Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA6424RGJR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6424RGJR
Description  LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6424RGJR Datasheet(HTML) 4 Page - Texas Instruments

  TCA6424RGJR Datasheet HTML 1Page - Texas Instruments TCA6424RGJR Datasheet HTML 2Page - Texas Instruments TCA6424RGJR Datasheet HTML 3Page - Texas Instruments TCA6424RGJR Datasheet HTML 4Page - Texas Instruments TCA6424RGJR Datasheet HTML 5Page - Texas Instruments TCA6424RGJR Datasheet HTML 6Page - Texas Instruments TCA6424RGJR Datasheet HTML 7Page - Texas Instruments TCA6424RGJR Datasheet HTML 8Page - Texas Instruments TCA6424RGJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
29
I/O Port
Shift
Register
24 Bits
Input
Filter
30
Power-On
Reset
Read Pulse
Write Pulse
26
27
25
GND
V
CCP
SDA
SCL
ADDR
I C Bus
Control
2
RESET
28
INT
Interrupt
Logic
LP Filter
32
V
CCI
31
P27
P17–P10
P07–P00
–P20
Data From
Shift Register
Write Configuration
Pulse
Write Pulse
Read Pulse
Write Polarity Pulse
Polarity
Inversion
Register
Input
Port
Register
Output
Port
Register
Configuration
Register
VCCP
GND
Input Port
Register Data
Polarity
Register Data
ESD Protection Diode
P00 to P27
Output Port
Register Data
To INT
Q1
Q2
D
FF
CK
Q
Q
D
FF
C
K
Q
Q
D
FF
CK
Q
Q
D
FF
CK
Q
Q
Data From
Shift Register
Data From
Shift Register
TCA6424
LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS175 – NOVEMBER 2007
LOGIC DIAGRAM (POSITIVE LOGIC)
A.
All I/Os are set to inputs at reset.
B.
Pin numbers shown are for the RGJ package.
Simplified Schematic of P00 to P27
A.
On power up or reset, all registers return to default values.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TCA6424


Similar Part No. - TCA6424RGJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6424RGJR TI-TCA6424RGJR Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6424RGJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com