Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C32
Description  DIGITAL SIGNAL PROCESSOR
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C32_07 Datasheet HTML 1Page - Texas Instruments TMS320C32_07 Datasheet HTML 2Page - Texas Instruments TMS320C32_07 Datasheet HTML 3Page - Texas Instruments TMS320C32_07 Datasheet HTML 4Page - Texas Instruments TMS320C32_07 Datasheet HTML 5Page - Texas Instruments TMS320C32_07 Datasheet HTML 6Page - Texas Instruments TMS320C32_07 Datasheet HTML 7Page - Texas Instruments TMS320C32_07 Datasheet HTML 8Page - Texas Instruments TMS320C32_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Assignments
PIN
PIN
PIN
PIN
PIN
NUMBER
NAME
NUMBER
NAME
NUMBER
NAME
NUMBER
NAME
NUMBER
NAME
1
DR0
30
A17
59
DVDD
88
IVSS
117
RDY
2
DVDD
31
A16
60
D31
89
D11
118
IVSS
3
FSR0
32
A15
61
D30
90
DVDD
119
IOSTRB
4
CLKR0
33
A14
62
D29
91
D10
120
STRB0_B3 /A–1
5
CLKX0
34
A13
63
D28
92
CVSS
121
STRB0_B2 /A–2
6
FSX0
35
CVSS
64
D27
93
DVSS
122
STRB0_B1
7
DX0
36
DVSS
65
D26
94
VSSL
123
STRB0_B0
8
IVSS
37
NC
66
IVSS
95
VSSL
124
VDDL
9
SHZ
38
A12
67
D25
96
D9
125
VDDL
10
TCLK0
39
DVDD
68
DVDD
97
D8
126
STRB1_B3/A–1
11
TCLK1
40
A11
69
D24
98
D7
127
VSSL
12
DVDD
41
A10
70
D23
99
D6
128
STRB1_B2/A–2
13
EMU3
42
A9
71
D22
100
D5
129
DVDD
14
EMU0
43
A8
72
NC
101
D4
130
STRB1_B1
15
VDDL
44
A7
73
CVSS
102
DVDD
131
STRB1_B0
16
VDDL
45
A6
74
DVSS
103
D3
132
R/W
17
EMU1
46
DVDD
75
D21
104
D2
133
PRGW
18
EMU2
47
A5
76
D20
105
D1
134
RESET
19
VSSL
48
A4
77
D19
106
D0
135
CVSS
20
MCBL / MP
49
A3
78
D18
107
H1
136
DVSS
21
CVSS
50
VDDL
79
DVDD
108
H3
137
XF0
22
DVSS
51
VDDL
80
D17
109
NC
138
XF1
23
A23
52
A2
81
D16
110
VSUBS
139
IACK
24
A22
53
CVSS
82
D15
111
CVSS
140
INT0
25
A21
54
DVSS
83
D14
112
DVSS
141
INT1
26
A20
55
A1
84
D13
113
CLKIN
142
INT2
27
A19
56
VSSL
85
VDDL
114
HOLDA
143
INT3
28
A18
57
VSSL
86
VDDL
115
HOLD
144
NC
29
DVDD
58
A0
87
D12
116
DVDD


Similar Part No. - TMS320C32_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C32 TI-TMS320C32_06 Datasheet
654Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C32_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com