Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6414T Datasheet(PDF) 42 Page - Texas Instruments

Part # TMS320C6414T
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6414T Datasheet(HTML) 42 Page - Texas Instruments

Back Button TMS320C6414T_08 Datasheet HTML 38Page - Texas Instruments TMS320C6414T_08 Datasheet HTML 39Page - Texas Instruments TMS320C6414T_08 Datasheet HTML 40Page - Texas Instruments TMS320C6414T_08 Datasheet HTML 41Page - Texas Instruments TMS320C6414T_08 Datasheet HTML 42Page - Texas Instruments TMS320C6414T_08 Datasheet HTML 43Page - Texas Instruments TMS320C6414T_08 Datasheet HTML 44Page - Texas Instruments TMS320C6414T_08 Datasheet HTML 45Page - Texas Instruments TMS320C6414T_08 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 142 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226L − NOVEMBER 2003 − REVISED FEBRUARY 2008
42
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions
SIGNAL
TYPE†
IPD/
IPU‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
CLOCK/PLL CONFIGURATION
CLKIN
H4
I
IPD
Clock Input. This clock is the input to the on-chip PLL.
CLKOUT4/GP1§
AE6
I/O/Z
IPD
Clock output at 1/4 of the device speed (O/Z) [default] or this pin can be programmed as a
GPIO 1 pin (I/O/Z).
CLKOUT6/GP2§
AD6
I/O/Z
IPD
Clock output at 1/6 of the device speed (O/Z) [default] or this pin can be programmed as a
GPIO 2 pin (I/O/Z).
CLKMODE1
G1
I
IPD
Clock mode select
• Selects whether the CPU clock frequency = input clock frequency x1 (Bypass), x6, or x12,
CLKMODE0
H2
I
IPD
• Selects whether the CPU clock frequency = input clock frequency x1 (Bypass), x6, or x12,
or x20. For more details on the CLKMODE pins and the PLL multiply factors, see the Clock
PLL section of this data sheet.
PLLV¶
J6
A#
PLL voltage supply
JTAG EMULATION
TMS
AB16
I
IPU
JTAG test-port mode select
TDO
AE19
O/Z
IPU
JTAG test-port data out
TDI
AF18
I
IPU
JTAG test-port data in
TCK
AF16
I
IPU
JTAG test-port clock
TRST
AB15
I
IPD
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see the IEEE 1149.1 JTAG
Compatibility Statement section of this data sheet.
EMU11
AC18
I/O/Z
IPU
Emulation pin 11. Reserved for future use, leave unconnected.
EMU10
AD18
I/O/Z
IPU
Emulation pin 10. Reserved for future use, leave unconnected.
EMU9
AE18
I/O/Z
IPU
Emulation pin 9. Reserved for future use, leave unconnected.
EMU8
AC17
I/O/Z
IPU
Emulation pin 8. Reserved for future use, leave unconnected.
EMU7
AF17
I/O/Z
IPU
Emulation pin 7. Reserved for future use, leave unconnected.
EMU6
AD17
I/O/Z
IPU
Emulation pin 6. Reserved for future use, leave unconnected.
EMU5
AE17
I/O/Z
IPU
Emulation pin 5. Reserved for future use, leave unconnected.
EMU4
AC16
I/O/Z
IPU
Emulation pin 4. Reserved for future use, leave unconnected.
EMU3
AD16
I/O/Z
IPU
Emulation pin 3. Reserved for future use, leave unconnected.
EMU2
AE16
I/O/Z
IPU
Emulation pin 2. Reserved for future use, leave unconnected.
EMU1
EMU0
AC15
AF15
I/O/Z
IPU
Emulation [1:0] pins
• Select the device functional mode of operation
EMU[1:0]
Operation
00
Boundary Scan/Normal Mode (see Note)
01
Reserved
10
Reserved
11
Emulation/Normal Mode [default] (see the IEEE 1149.1 JTAG
Compatibility Statement section of this data sheet)
Normal mode refers to the DSPs normal operational mode, when the DSP is free running. The
DSP can be placed in normal operational mode when the EMU[1:0] pins are configured for
either Boundary Scan or Emulation.
Note: When the EMU[1:0] pins are configured for Boundary Scan mode, the internal pulldown
(IPD) on the TRST signal must not be opposed in order to operate in Normal mode.
For the Boundary Scan mode pulldown EMU[1:0] pins with a dedicated 1-k
Ω resistor.
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
¶ PLLV is not part of external voltage supply. See the Clock PLL section for information on how to connect this pin.
# A = Analog signal (PLL Filter)


Similar Part No. - TMS320C6414T_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6414TBCLZ1 TI1-TMS320C6414TBCLZ1 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ6 TI1-TMS320C6414TBCLZ6 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ7 TI1-TMS320C6414TBCLZ7 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ8 TI1-TMS320C6414TBCLZ8 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZA6 TI1-TMS320C6414TBCLZA6 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6414T_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com