Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12-215-GHC-YR1S2-3C Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 12-215-GHC-YR1S2-3C
Description  Technical Data Sheet Chip LED with Right Angle Lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

12-215-GHC-YR1S2-3C Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  12-215-GHC-YR1S2-3C Datasheet HTML 1Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 2Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 3Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 1 of 10
Device No. : SZDSE-125-G05
Prepared date: 19-Aug-2005
Prepared by:Meng Yali
Technical Data Sheet
Chip LED with Right Angle Lens
12-215/GHC-YR1S2/3C
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
․The product itself will remain within RoHS compliant version.
Descriptions
․The 12-215 SMD Taping is much smaller than
lead frame type components, thus enable smaller
board size, higher packing density, reduced
storage space and finally smaller equipment to be
obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Automotive: backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Part No.
Material
Emitted Color
Lens Color
12-215/GHC-YR1S2/3C
InGaN
Brilliant Green
Water Clear


Similar Part No. - 12-215-GHC-YR1S2-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-215-G6C-AL2M2B-3C EVERLIGHT-12-215-G6C-AL2M2B-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
12-215-G6C-AL2M2B-3C TO-GRACE-12-215-G6C-AL2M2B-3C Datasheet
587Kb / 10P
   Chip LED with Right Angle Lens
logo
Everlight Electronics C...
12-215-G6C-BP1Q2L-3C EVERLIGHT-12-215-G6C-BP1Q2L-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
12-215-G6C-BP1Q2L-3C TO-GRACE-12-215-G6C-BP1Q2L-3C Datasheet
588Kb / 10P
   Chip LED with Right Angle Lens
More results

Similar Description - 12-215-GHC-YR1S2-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
27-21SURC EVERLIGHT-27-21SURC_13 Datasheet
225Kb / 9P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21C-BHC-ANQ-2C EVERLIGHT-12-21C-BHC-ANQ-2C Datasheet
134Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21-BHC-AN1P2-2C EVERLIGHT-12-21-BHC-AN1P2-2C Datasheet
134Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21-GHC-YR2S2-2C EVERLIGHT-12-21-GHC-YR2S2-2C Datasheet
157Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21C-GHC-YR2T1-2C EVERLIGHT-12-21C-GHC-YR2T1-2C Datasheet
137Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
12-215-BHC-YLMQY-3C EVERLIGHT-12-215-BHC-YLMQY-3C Datasheet
134Kb / 9P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21UYC EVERLIGHT-12-21UYC Datasheet
195Kb / 9P
   Technical Data Sheet Chip LED with Right Angle Lens
12-215-BHC-AN1P2-3C EVERLIGHT-12-215-BHC-AN1P2-3C Datasheet
151Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
66-219 EVERLIGHT-66-219 Datasheet
206Kb / 12P
   Technical Data Sheet White Chip LED With Right Angle Lens
11-21-BHC-AP2R1-2T EVERLIGHT-11-21-BHC-AP2R1-2T Datasheet
220Kb / 10P
   Technical Data Sheet 1206 Package Chip LED with Inner lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com