Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61-03-GBB7RSW-B06-ET Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 61-03-GBB7RSW-B06-ET
Description  Luminosity Full Color LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

61-03-GBB7RSW-B06-ET Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 61-03-GBB7RSW-B06-ET Datasheet HTML 5Page - Everlight Electronics Co., Ltd 61-03-GBB7RSW-B06-ET Datasheet HTML 6Page - Everlight Electronics Co., Ltd 61-03-GBB7RSW-B06-ET Datasheet HTML 7Page - Everlight Electronics Co., Ltd 61-03-GBB7RSW-B06-ET Datasheet HTML 8Page - Everlight Electronics Co., Ltd 61-03-GBB7RSW-B06-ET Datasheet HTML 9Page - Everlight Electronics Co., Ltd 61-03-GBB7RSW-B06-ET Datasheet HTML 10Page - Everlight Electronics Co., Ltd 61-03-GBB7RSW-B06-ET Datasheet HTML 11Page - Everlight Electronics Co., Ltd 61-03-GBB7RSW-B06-ET Datasheet HTML 12Page - Everlight Electronics Co., Ltd 61-03-GBB7RSW-B06-ET Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet - Preliminary
Luminosity Full Color LED
61-03/GBB7RSW-B06/ET
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.1
Page: 8 of 14
Device No. :
Prepared date: 21-Sep-2007
Prepared by: Josh Chou
Typical Electro-Optical Characteristics Curves (B7)
1000
2.6
Forward Voltage V (V)
Forward Current Derating Curve
0
Ambient temperature Ta (°c)
-40
10
0
1
10
40
20
60
100
80
80
20
-20
0
40 60
100
1
10
400
Ambient Temperature
100
1000
25
0
50
75
100
0
550
Wavelength λ (nm)
450
500
100
600
Ta=25°C
10
20
30
40
50
Spectrum Distribution
Forward current I (mA)
0
10
1
10
2
10
3
10
Forward Voltage
4.0
f=1KHz
Duty=1/10
Forward Current
3.2
2.8
3.6
Ta=25°C
Ta=25°C
Forward Current vs.
F
F
Ambient temperature Ta (°c)
20
30
40
50
60
Relative Luminous Intensity vs.
Relative Luminous Intensity vs.
0.7
0.9
0.8
1.0
0.4
0.3
0.5
0.1
0.2
70°
0.6
80°
90°
50°
60°
40°
Radiation Diagram
10°
Ta=25°C
20°
30°


Similar Part No. - 61-03-GBB7RSW-B06-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-036-GBRSB7W-B06-ET EVERLIGHT-61-036-GBRSB7W-B06-ET Datasheet
226Kb / 15P
   Luminosity Full Color LED
61-036/GBRSB7W-B06/ET EVERLIGHT-61-036/GBRSB7W-B06/ET Datasheet
226Kb / 15P
   Luminosity Full Color LED
More results

Similar Description - 61-03-GBB7RSW-B06-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-136-REGHB7C-B01-ET EVERLIGHT-61-136-REGHB7C-B01-ET Datasheet
266Kb / 13P
   Luminosity Full Color LED
61-036-GBRSB7W-B06-ET EVERLIGHT-61-036-GBRSB7W-B06-ET Datasheet
226Kb / 15P
   Luminosity Full Color LED
61-23-R6GHBHC-A01 EVERLIGHT-61-23-R6GHBHC-A01 Datasheet
253Kb / 12P
   Luminosity Full Color LED
R6SGHB7C-A02 EVERLIGHT-R6SGHB7C-A02 Datasheet
180Kb / 12P
   Luminosity Full Color LED
64-135-R6GHBHC-A01-2T EVERLIGHT-64-135-R6GHBHC-A01-2T Datasheet
197Kb / 12P
   Luminosity Full Color LED
EAPL32328RGBA0 EVERLIGHT-EAPL32328RGBA0 Datasheet
765Kb / 13P
   Luminosity Full Color LED
EAPL32328RGBA1 EVERLIGHT-EAPL32328RGBA1 Datasheet
497Kb / 13P
   Luminosity Full Color LED
61-23-S3SGHBHC-B14-ET EVERLIGHT-61-23-S3SGHBHC-B14-ET Datasheet
244Kb / 15P
   Luminosity Full Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com