Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61-136-REGHB7C-B01-ET Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 61-136-REGHB7C-B01-ET
Description  Luminosity Full Color LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

61-136-REGHB7C-B01-ET Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  61-136-REGHB7C-B01-ET Datasheet HTML 1Page - Everlight Electronics Co., Ltd 61-136-REGHB7C-B01-ET Datasheet HTML 2Page - Everlight Electronics Co., Ltd 61-136-REGHB7C-B01-ET Datasheet HTML 3Page - Everlight Electronics Co., Ltd 61-136-REGHB7C-B01-ET Datasheet HTML 4Page - Everlight Electronics Co., Ltd 61-136-REGHB7C-B01-ET Datasheet HTML 5Page - Everlight Electronics Co., Ltd 61-136-REGHB7C-B01-ET Datasheet HTML 6Page - Everlight Electronics Co., Ltd 61-136-REGHB7C-B01-ET Datasheet HTML 7Page - Everlight Electronics Co., Ltd 61-136-REGHB7C-B01-ET Datasheet HTML 8Page - Everlight Electronics Co., Ltd 61-136-REGHB7C-B01-ET Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 13
Device No.:
Prepared date: 18-Sep-2006
Prepared by: Forrest
61-136/REGHB7C-B01/ET
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
RE
500
-----
700
IF=20mA
GH
700
-----
1300
IF=20mA
Luminous Intensity
Iv
B7
110
-----
210
mcd
IF=20mA
RE
-----
1.75
-----
GH
-----
2.87
-----
Luminous Flux
ΦV
B7
-----
0.58
-----
lm
IF=20mA
Viewing Angle
1/2
-----
120
-----
deg
IF=20mA
RE
-----
632
-----
GH
-----
518
-----
Peak Wavelength
λp
B7
-----
468
-----
nm
IF=20mA
RE
619.5
-----
631.5
GH
519.5
-----
530.5
Dominant
Wavelength
λd
B7
450.0
-----
460.5
nm
IF=20mA
RE
-----
20
-----
GH
-----
35
-----
Spectrum Radiation
Bandwidth
△λ
B7
-----
35
-----
nm
IF=20mA
RE
1.8
-----
2.2
GH
3.0
-----
3.4
Forward Voltage
VF
B7
3.0
-----
3.4
V
IF=20mA
RE
-----
-----
10
GH
-----
-----
50
Reverse Current
IR
B7
-----
-----
50
μA
VR=5V
Notes:
1. Tolerance of Luminous Intensity ±10%
2. Tolerance of Dominant Wavelength ±1 nm
3. Tolerance of Forward Voltage ±0.1V


Similar Part No. - 61-136-REGHB7C-B01-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-13/S3GHBHC-B04/ET EVERLIGHT-61-13/S3GHBHC-B04/ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
logo
Vecow Co., Ltd.
61-13B0707-386 VECOW-61-13B0707-386 Datasheet
441Kb / 2P
   Supports DDR3L 1866MHz memory, up to 8GB
61-13P0430-08A VECOW-61-13P0430-08A Datasheet
441Kb / 2P
   Supports DDR3L 1866MHz memory, up to 8GB
61-13Q1009-0DA VECOW-61-13Q1009-0DA Datasheet
441Kb / 2P
   Supports DDR3L 1866MHz memory, up to 8GB
More results

Similar Description - 61-136-REGHB7C-B01-ET

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
64-135-REGHB7C-B01-2T EVERLIGHT-64-135-REGHB7C-B01-2T Datasheet
281Kb / 15P
   Luminosity Full Color LED
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-036-GBRSB7W-B06-ET EVERLIGHT-61-036-GBRSB7W-B06-ET Datasheet
226Kb / 15P
   Luminosity Full Color LED
61-23-R6GHBHC-A01 EVERLIGHT-61-23-R6GHBHC-A01 Datasheet
253Kb / 12P
   Luminosity Full Color LED
61-03-GBB7RSW-B06-ET EVERLIGHT-61-03-GBB7RSW-B06-ET Datasheet
260Kb / 15P
   Luminosity Full Color LED
R6SGHB7C-A02 EVERLIGHT-R6SGHB7C-A02 Datasheet
180Kb / 12P
   Luminosity Full Color LED
64-135-R6GHBHC-A01-2T EVERLIGHT-64-135-R6GHBHC-A01-2T Datasheet
197Kb / 12P
   Luminosity Full Color LED
EAPL32328RGBA0 EVERLIGHT-EAPL32328RGBA0 Datasheet
765Kb / 13P
   Luminosity Full Color LED
EAPL32328RGBA1 EVERLIGHT-EAPL32328RGBA1 Datasheet
497Kb / 13P
   Luminosity Full Color LED
61-23-S3SGHBHC-B14-ET EVERLIGHT-61-23-S3SGHBHC-B14-ET Datasheet
244Kb / 15P
   Luminosity Full Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com