Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-31B-GHC-YX2Y2MZ3-2T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 67-31B-GHC-YX2Y2MZ3-2T
Description  Technical Data Sheet Power Top View LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-31B-GHC-YX2Y2MZ3-2T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  67-31B-GHC-YX2Y2MZ3-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-31B-GHC-YX2Y2MZ3-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-31B-GHC-YX2Y2MZ3-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-31B-GHC-YX2Y2MZ3-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-31B-GHC-YX2Y2MZ3-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-31B-GHC-YX2Y2MZ3-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-31B-GHC-YX2Y2MZ3-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-31B-GHC-YX2Y2MZ3-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-31B-GHC-YX2Y2MZ3-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 10
Device No. : DSE-63B-007
prepared date:08-May-2006
Prepared by: Rita Shen
67-31B/GHC-YX2Y2MZ3/2T
Bin Range Of Luminous Intensity
Bin
Min
Max
Unit
Condition
X2
2250
2850
Y1
2850
3600
Y2
3600
4500
mcd
IF =30mA
Bin Range Of Dominant Wavelengths
Group
Bin
Min
Max
Unit
Condition
X
520
525
Y
525
530
Y
Z
530
535
nm
IF =30mA
Bin Range Of Forward Voltage
Group
Bin
Min
Max
Unit
Condition
5
2.75
3.05
6
3.05
3.35
7
3.35
3.65
M
8
3.65
3.95
V
IF =30mA
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V


Similar Part No. - 67-31B-GHC-YX2Y2MZ3-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-31A-B7C-AT1U2MZ3-2T EVERLIGHT-67-31A-B7C-AT1U2MZ3-2T Datasheet
186Kb / 10P
   Power Top View LED
67-31A-GHC-YV1W2EZ3-2T EVERLIGHT-67-31A-GHC-YV1W2EZ3-2T Datasheet
172Kb / 10P
   Power Top View LED
67-31A-RAC-AU2V2B9Z5-2T EVERLIGHT-67-31A-RAC-AU2V2B9Z5-2T Datasheet
167Kb / 12P
   Power Top View LED
67-31A-SAC-AW1X2B9Z5-2T EVERLIGHT-67-31A-SAC-AW1X2B9Z5-2T Datasheet
154Kb / 10P
   Power Top View LED
67-31A/RAC-AU2V2B9Z5/2T EVERLIGHT-67-31A/RAC-AU2V2B9Z5/2T Datasheet
167Kb / 12P
   Power Top View LED
More results

Similar Description - 67-31B-GHC-YX2Y2MZ3-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
   Technical Data Sheet -Top View LED
67-31AUBC-B001-TR8 EVERLIGHT-67-31AUBC-B001-TR8 Datasheet
242Kb / 9P
   Technical Data Sheet (Preliminary) Power Top View LED
67-31F-RSC-AX2Y2B9Z5-CT EVERLIGHT-67-31F-RSC-AX2Y2B9Z5-CT Datasheet
209Kb / 10P
   Technical Data Sheet Power Top View LED With Lens
67-31F-YSC-CX2Y1B9Z5-BT EVERLIGHT-67-31F-YSC-CX2Y1B9Z5-BT Datasheet
182Kb / 10P
   Technical Data Sheet Power Top View LED With Lens.
GBC-YV2W2N EVERLIGHT-GBC-YV2W2N Datasheet
269Kb / 10P
   Technical Data Sheet Top View LEDs
Y2C-AP2R2L EVERLIGHT-Y2C-AP2R2L Datasheet
242Kb / 10P
   Technical Data Sheet Top View LEDs
R6C-AU2W1B EVERLIGHT-R6C-AU2W1B Datasheet
161Kb / 10P
   Technical Data Sheet Top View LEDs
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
67-21R6C-AP2R1B2A0 EVERLIGHT-67-21R6C-AP2R1B2A0 Datasheet
204Kb / 10P
   Technical Data Sheet Reverse Top View LEDs
67-31H EVERLIGHT-67-31H Datasheet
250Kb / 11P
   Technical Data Sheet Power Top View LEDs With Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com