Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21BSYGC-S530-E5-TR8 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-21BSYGC-S530-E5-TR8
Description  Top View LED With Lens
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21BSYGC-S530-E5-TR8 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-21BSYGC-S530-E5-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21BSYGC-S530-E5-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21BSYGC-S530-E5-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21BSYGC-S530-E5-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21BSYGC-S530-E5-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21BSYGC-S530-E5-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21BSYGC-S530-E5-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21BSYGC-S530-E5-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21BSYGC-S530-E5-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EVERLIGHTELECTRONICS CO.,LTD.
Technical Data Sheet
Top View LED With Lens
67-21BSYGC/S530-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 3 of 9
Device No. :DSE-67B-013
prepared date:29-June-2007
Prepared by: Ray Yuan
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current(Duty 1/10 @ 1KHz)
IFP
60
mA
Power Dissipation
Pd
60
mW
Electrostatic Discharge
ESD
2000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260
for 10 sec.
Hand Soldering : 350
for 3 sec.
Electronic Optical Characteristics (Ta=25℃) :
Parameter
Symbol
Rank
Min.
Typ.
Max.
Unit
Condition
E3
105
-----
285
E4
140
-----
450
Luminous Intensity
Iv
E5
175
-----
565
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
-----
60
-----
deg
IF=20mA
Peak Wavelength
λp
-----
-----
575
-----
nm
IF=20mA
Dominant Wavelength
λd
-----
567.5
-----
577.5
nm
IF=20mA
Spectrum Radiation
Bandwidth
λ
-----
-----
20
-----
nm
IF=20mA
Forward Voltage
VF
-----
1.7
2.0
2.4
V
IF=20mA
Reverse Current
IR
-----
-----
-----
10
μA
VR=5V


Similar Part No. - 67-21BSYGC-S530-E5-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21BSDRC-S530-A6-TR8 EVERLIGHT-67-21BSDRC-S530-A6-TR8 Datasheet
212Kb / 9P
   Top View LED With Lens(Preliminary)
67-21BSDRC/S530-A6/TR8 EVERLIGHT-67-21BSDRC/S530-A6/TR8 Datasheet
212Kb / 9P
   Top View LED With Lens(Preliminary)
67-21BSUBC-S400-XX-TR8 EVERLIGHT-67-21BSUBC-S400-XX-TR8 Datasheet
206Kb / 9P
   TOP View LEDs
67-21BSUBC/S400-XX/TR8 EVERLIGHT-67-21BSUBC/S400-XX/TR8 Datasheet
206Kb / 9P
   TOP View LEDs
67-21BSUBC/S400-XX/TR8 EVERLIGHT-67-21BSUBC/S400-XX/TR8 Datasheet
207Kb / 9P
   TOP View LEDs (Preliminary)
More results

Similar Description - 67-21BSYGC-S530-E5-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21BSDRC-S530-A6-TR8 EVERLIGHT-67-21BSDRC-S530-A6-TR8 Datasheet
212Kb / 9P
   Top View LED With Lens(Preliminary)
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
   TOP View LEDs With Lens
67-21B-UPGC-A003-3-TR8 EVERLIGHT-67-21B-UPGC-A003-3-TR8 Datasheet
208Kb / 11P
   TOP View LEDs With Lens
67-21B-G6C-BR1S2B-BT EVERLIGHT-67-21B-G6C-BR1S2B-BT Datasheet
215Kb / 10P
   TOP View LEDs With Lens
67-11BUWC-S400-X10-TR8 EVERLIGHT-67-11BUWC-S400-X10-TR8 Datasheet
228Kb / 10P
   TOP View LEDs With Lens
67-11B-T7C-MX1Y2M-BT EVERLIGHT-67-11B-T7C-MX1Y2M-BT Datasheet
185Kb / 11P
   TOP View LEDs With Lens (Preliminary)
67-21B-SUGC-S400-X6-TR8 EVERLIGHT-67-21B-SUGC-S400-X6-TR8 Datasheet
208Kb / 9P
   Power Top View LEDs with Lens
67-31F-RSC-AX2Y2B9Z5-CT EVERLIGHT-67-31F-RSC-AX2Y2B9Z5-CT Datasheet
209Kb / 10P
   Technical Data Sheet Power Top View LED With Lens
67-31F-YSC-CX2Y1B9Z5-BT EVERLIGHT-67-31F-YSC-CX2Y1B9Z5-BT Datasheet
182Kb / 10P
   Technical Data Sheet Power Top View LED With Lens.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com