Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57863S0302+040 Datasheet(PDF) 9 Page - EPCOS

Part # B57863S0302+040
Description  temperature measurement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57863S0302+040 Datasheet(HTML) 9 Page - EPCOS

Back Button B57863S0302+040 Datasheet HTML 5Page - EPCOS B57863S0302+040 Datasheet HTML 6Page - EPCOS B57863S0302+040 Datasheet HTML 7Page - EPCOS B57863S0302+040 Datasheet HTML 8Page - EPCOS B57863S0302+040 Datasheet HTML 9Page - EPCOS B57863S0302+040 Datasheet HTML 10Page - EPCOS B57863S0302+040 Datasheet HTML 11Page - EPCOS B57863S0302+040 Datasheet HTML 12Page - EPCOS B57863S0302+040 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
B57863S0103F040
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 10000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
40.0
336500
323060
349940
4.0
0.6
6.7
35.0
242590
234790
250390
3.2
0.5
6.4
30.0
177000
171500
182500
3.1
0.5
6.2
25.0
130370
126450
134290
3.0
0.5
6.0
20.0
97070
94813
99327
2.3
0.4
5.8
15.0
72929
71288
74570
2.3
0.4
5.6
10.0
55330
54426
56234
1.6
0.3
5.4
5.0
42315
41645
42985
1.6
0.3
5.3
0.0
32650
32316
32984
1.0
0.2
5.1
5.0
25388
25136
25639
1.0
0.2
5.0
10.0
19900
19709
20091
1.0
0.2
4.8
15.0
15708
15561
15854
0.9
0.2
4.7
20.0
12490
12377
12603
0.9
0.2
4.5
25.0
10000
9912
10088
0.9
0.2
4.4
30.0
8057
7988
8126
0.9
0.2
4.3
35.0
6531
6477
6585
0.8
0.2
4.1
40.0
5327
5284
5370
0.8
0.2
4.0
45.0
4369
4335
4403
0.8
0.2
3.9
50.0
3603
3576
3630
0.8
0.2
3.8
55.0
2986
2964
3008
0.7
0.2
3.7
60.0
2488
2470
2506
0.7
0.2
3.6
65.0
2083
2068
2098
0.7
0.2
3.5
70.0
1752
1740
1764
0.7
0.2
3.4
75.0
1481
1467
1496
1.0
0.3
3.3
80.0
1258
1246
1270
1.0
0.3
3.2
85.0
1072
1059
1086
1.3
0.4
3.2
90.0
917.7
906.4
929.0
1.2
0.4
3.1
95.0
788.5
776.7
800.3
1.5
0.5
3.0
100.0
680.0
670.1
689.9
1.5
0.5
2.9
105.0
588.6
578.5
598.7
1.7
0.6
2.9
110.0
511.2
502.7
519.7
1.7
0.6
2.8
115.0
445.4
436.9
453.9
1.9
0.7
2.7
120.0
389.3
382.1
396.5
1.9
0.7
2.7
125.0
341.7
334.6
348.8
2.1
0.8
2.6
130.0
300.9
294.8
307.0
2.0
0.8
2.5
135.0
265.4
259.5
271.4
2.2
0.9
2.5
140.0
234.8
229.7
239.9
2.2
0.9
2.4
145.0
208.3
203.4
213.2
2.4
1.0
2.4
150.0
185.3
181.0
189.6
2.3
1.0
2.3
155.0
165.3
161.2
169.5
2.5
1.1
2.3
Temperature measurement
B57863
Miniature sensors with bendable wires
S863
Page 9 of 16
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57863S0302+040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57863S0302+040 EPCOS-B57863S0302+040 Datasheet
61Kb / 3P
   Heating and air conditioning systems
More results

Similar Description - B57863S0302+040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Texas Instruments
BQ26221 TI1-BQ26221_16 Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com