Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57863S0103+040 Datasheet(PDF) 7 Page - EPCOS

Part # B57863S0103+040
Description  temperature measurement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57863S0103+040 Datasheet(HTML) 7 Page - EPCOS

Back Button B57863S0103+040 Datasheet HTML 3Page - EPCOS B57863S0103+040 Datasheet HTML 4Page - EPCOS B57863S0103+040 Datasheet HTML 5Page - EPCOS B57863S0103+040 Datasheet HTML 6Page - EPCOS B57863S0103+040 Datasheet HTML 7Page - EPCOS B57863S0103+040 Datasheet HTML 8Page - EPCOS B57863S0103+040 Datasheet HTML 9Page - EPCOS B57863S0103+040 Datasheet HTML 10Page - EPCOS B57863S0103+040 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
B57863S0502F040
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± 1%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
50.0
1802
1788
1815
0.8
0.2
3.8
55.0
1493
1482
1504
0.7
0.2
3.7
60.0
1244
1235
1253
0.7
0.2
3.6
65.0
1042
1034
1049
0.7
0.2
3.5
70.0
876.0
870.0
882.0
0.7
0.2
3.4
75.0
740.7
733.3
748.1
1.0
0.3
3.3
80.0
629.0
622.9
635.1
1.0
0.3
3.2
85.0
536.2
529.4
542.9
1.3
0.4
3.2
90.0
458.8
453.2
464.5
1.2
0.4
3.1
95.0
394.3
388.3
400.2
1.5
0.5
3.0
100.0
340.0
335.0
345.0
1.5
0.5
2.9
105.0
294.3
289.3
299.3
1.7
0.6
2.9
110.0
255.6
251.3
259.9
1.7
0.6
2.8
115.0
222.7
218.5
226.9
1.9
0.7
2.7
120.0
194.7
191.0
198.3
1.9
0.7
2.7
125.0
170.9
167.3
174.4
2.1
0.8
2.6
130.0
150.5
147.4
153.5
2.0
0.8
2.5
135.0
132.7
129.8
135.7
2.2
0.9
2.5
140.0
117.4
114.8
120.0
2.2
0.9
2.4
145.0
104.2
101.7
106.6
2.4
1.0
2.4
150.0
92.65
90.51
94.79
2.3
1.0
2.3
155.0
82.67
80.62
84.73
2.5
1.1
2.3
B57863S0502G040
R/T No.
8016
T (
°C)
B25/100 = 3988 K, R25 = 5000
Ω, T
R = 25
°C, ∆R
R/RR =
± %
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
481520
403100
559950
16.3
2.2
7.4
50.0
335050
287190
382910
14.3
2.0
7.1
45.0
235840
204950
266740
13.1
1.9
6.9
40.0
168250
149210
187290
11.3
1.7
6.7
35.0
121300
108810
133780
10.3
1.6
6.4
30.0
88500
80798
96202
8.7
1.4
6.2
25.0
65185
60092
70278
7.8
1.3
6.0
20.0
48535
45431
51639
6.4
1.1
5.8
15.0
36465
34413
38516
5.6
1.0
5.6
10.0
27665
26459
28871
4.4
0.8
5.4
5.0
21158
20376
21939
3.7
0.7
5.3
0.0
16325
15908
16742
2.6
0.5
5.1
Temperature measurement
B57863
Miniature sensors with bendable wires
S863
Page 7 of 16
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57863S0103+040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57863S0103+040 EPCOS-B57863S0103+040 Datasheet
61Kb / 3P
   Heating and air conditioning systems
More results

Similar Description - B57863S0103+040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
   Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
   Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
   Temperature measurement
logo
EPCOS
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
   Temperature measurement
logo
Texas Instruments
BQ26221 TI1-BQ26221_16 Datasheet
1Mb / 26P
[Old version datasheet]   TEMPERATURE MEASUREMENT
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
   Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
   Temperature Measurement
logo
Turck, Inc.
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
   Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com