Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24088 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24088
Description  750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24088 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24088 Datasheet HTML 1Page - Texas Instruments BQ24088 Datasheet HTML 2Page - Texas Instruments BQ24088 Datasheet HTML 3Page - Texas Instruments BQ24088 Datasheet HTML 4Page - Texas Instruments BQ24088 Datasheet HTML 5Page - Texas Instruments BQ24088 Datasheet HTML 6Page - Texas Instruments BQ24088 Datasheet HTML 7Page - Texas Instruments BQ24088 Datasheet HTML 8Page - Texas Instruments BQ24088 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
bq24085, bq24086
bq24087, bq24088
www.ti.com .................................................................................................................................................... SLUS784B – DECEMBER 2007 – REVISED MAY 2008
over recommended operating, TJ = 0–125°C range, See the Application Circuits section, typical values at TJ = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGE TERMINATION DETECTION, VO(REG) = 4.2 V, CHARGER ENABLED, NO FAULT CONDITIONS DETECTED, Thermal
regulation LOOP NOT ACTIVE, RTMR = 50K or TMR pin OPEN
Termination detection current
I(TERM)
V(BAT) > V(RCH), I(TERM) = K(SET) × V(TERM)/R(ISET)
5
75
mA
range
Charge termination detection
V(TERM)
V(BAT) > V(RCH)
225
250
275
mV
set voltage(1)
Deglitch time, termination
tDGL(TERM)
V(ISET) decreasing
50
ms
detected
BATTERY RECHARGE THRESHOLD
V(RCH)
Recharge threshold detection
[VO(REG)–V(BAT) ] > V(RCH)
75
100
135
mV
Deglitch time, recharge
tDGL(RCH)
V(BAT) decreasing
350
ms
detection
TIMERS, CE = LO, CHARGER ENABLED, NO FAULT CONDITIONS DETECTED, V(TMR) < 3 V, TIMERS ENABLED
t(CHG)
Charge safety timer range
t(CHG) = K(CHG) × RTMR ; thermal loop not active
3
10
hours
K(CHG)
Charge safety timer constant
V(BAT) > V(LOWV)
0.08
0.1
0.12
hr/k
t(PCHG) = K(PCHG) × t(CHG) ; Thermal regulation loop
t(PCHG)
Pre-charge safety timer range
1080
3600
sec
not active
Pre-charge safety timer
K(PCHG)
V(BAT) < V(LOWV)
0.08
0.1
0.12
constant
Charge timer AND termination
Charge timer and termination
disabled at: V(TMR) >
bq24085/86/88
enable threshold
VTMR(OFF)
VTMR(OFF)
2.5
3
3.5
V
Charge timer disabled at:
Charge timer enable threshold
bq24087
V(TMR) > VTMR(OFF)
BATTERY DETECTION THRESHOLDS
IDET(DOWN)
Battery detection current (sink)
2 V < V(BAT) < VO(REG)
1
2
3.2
mA
Battery detection current
IDET(UP)
2 V < V(BAT) < VO(REG)
IO(PRECHG)
(source)
2 V < V(BAT) < VO(REG), Thermal regulation loop not
t(DETECT)
Battery detection time
125
ms
active; RTMR = 50 kΩ, IDET(down) or IDET (UP)
TIMER FAULT RECOVERY
I(FAULT)
Fault Current (source)
V(OUT) < V(RCH)
0.8
1.1
mA
OUTPUT CURRENT SAFETY LIMIT, V(IN) ≥ 4.5 V, CHARGER ENABLED, ISET SHORTED TO GND
I(SETSC)
Charge overcurrent safety
V(ISET) = VSS
1.5
A
(1)
The voltage on the ISET pin is compared to the V(TERM) voltage to determine when the termination should occur.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24085, bq24086 bq24087, bq24088


Similar Part No. - BQ24088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24088 TI1-bq24088 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24088DRCR TI-BQ24088DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24088DRCR TI1-BQ24088DRCR Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24088DRCR TI1-BQ24088DRCR Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24088DRCRG4 TI-BQ24088DRCRG4 Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
More results

Similar Description - BQ24088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com