Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41112A2476M000 Datasheet(PDF) 5 Page - EPCOS

Part # B41112A2476M000
Description  Aluminum electrolytic capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41112A2476M000 Datasheet(HTML) 5 Page - EPCOS

  B41112A2476M000 Datasheet HTML 1Page - EPCOS B41112A2476M000 Datasheet HTML 2Page - EPCOS B41112A2476M000 Datasheet HTML 3Page - EPCOS B41112A2476M000 Datasheet HTML 4Page - EPCOS B41112A2476M000 Datasheet HTML 5Page - EPCOS B41112A2476M000 Datasheet HTML 6Page - EPCOS B41112A2476M000 Datasheet HTML 7Page - EPCOS B41112A2476M000 Datasheet HTML 8Page - EPCOS B41112A2476M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SMD capacitors
B41112
Standard series – 85
°C
5
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Overview of available types
VR (V DC)
4
6.3
10
16
25
Case dimensions d
× l (mm)
CR (µF)
4.7
4
× 5.4
10
4
× 5.4
4
× 5.4
5
× 5.4
22
4
× 5.4
4
× 5.4
5
× 5.4
4
× 5.4
5
× 5.4
5
× 5.4
6.3
× 5.4
33
4
× 5.4
4
× 5.4
5
× 5.4
4
× 5.4
5
× 5.4
5
× 5.4
6.3
× 5.4
5
× 5.4
6.3
× 5.4
47
4
× 5.4
4
× 5.4
5
× 5.4
5
× 5.4
6.3
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 5.4
6.3
× 5.8
56
5
× 5.4
5
× 5.4
6.3
× 5.4
5
× 5.4
6.3
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 7.7
100
5
× 5.4
5
× 5.4
6.3
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 5.8
6.3
× 5.4
6.3
× 5.8
8
× 6.2
6.3
× 7.7
8
× 6.2
8
× 10
150
6.3
× 5.4
6.3
× 5.4
6.3
× 7.7
6.3
× 7.7
8
× 10
220
6.3
× 5.4
6.3
× 5.8
6.3
× 5.4
6.3
× 5.8
8
× 6.2
6.3
× 7.7
8
× 6.2
6.3
× 7.7
8
× 10
8
× 10
10
× 10
330
6.3
× 5.4
6.3
× 7.7
6.3
× 7.7
8
× 6.2
8
× 10
8
× 10
10
× 10
8
× 10
10
× 10
470
6.3
× 7.7
8
× 10
8
× 10
10
× 10
8
× 10
10
× 10
10
× 10
680
8
× 10
8
× 10
10
× 10
10
× 10
1000
8
× 10
8
× 10
10
× 10
10
× 10
1500
10
× 10
10
× 10


Similar Part No. - B41112A2476M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41112A2476M000 EPCOS-B41112A2476M000 Datasheet
316Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41112A2476M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com