Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52210CAE66 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCF52210CAE66
Description  ColdFire Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52210CAE66 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF52210CAE66 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52210CAE66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52210CAE66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52210CAE66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52210CAE66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52210CAE66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52210CAE66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52210CAE66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52210CAE66 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
MCF52211 Family Configurations
MCF52211 ColdFire Microcontroller, Rev. 1
Freescale Semiconductor
3
1
MCF52211 Family Configurations
Figure 1 shows a top-level block diagram of the MCF52211. Package options for this family are described later in this
document.
Table 1. MCF52211 Family Configurations
Module
52210
52211
52212
52213
Version 2 ColdFire Core with MAC (Multiply-Accumulate
Unit)
••••
System Clock
66, 80 MHz
50 MHz
Performance (Dhrystone 2.1 MIPS)
up to 76
up to 46
Flash / Static RAM (SRAM)
64/16 Kbytes
128/16 Kbytes
64/8 Kbytes
128/8 Kbytes
Interrupt Controller (INTC)
••••
Fast Analog-to-Digital Converter (ADC)
••••
USB On-The-Go (USB OTG)
••••
Four-channel Direct-Memory Access (DMA)
••••
Software Watchdog Timer (WDT)
••••
Secondary Watchdog Timer
••••
Two-channel Periodic Interrupt Timer (PIT)
2
2
2
2
Four-Channel General Purpose Timer (GPT)
••••
32-bit DMA Timers
4
4
4
4
QSPI
••••
UART(s)
2
3
2
2
I2C2
2
2
2
Eight/Four-channel 8/16-bit PWM Timer
••••
General Purpose I/O Module (GPIO)
••••
Chip Configuration and Reset Controller Module
••••
Background Debug Mode (BDM)
••••
JTAG - IEEE 1149.1 Test Access Port1
1 The full debug/trace interface is available only on the 100-pin packages. A reduced debug interface is bonded on smaller
packages.
••••
Package
64 LQFP/QFN
81 MAPBGA
64 LQFP/QFN
81 MAPBGA
100 LQFP
64 LQFP
64 LQFP


Similar Part No. - MCF52210CAE66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
More results

Similar Description - MCF52210CAE66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com