Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41112A7226M000 Datasheet(PDF) 3 Page - EPCOS

Part # B41112A7226M000
Description  Aluminum electrolytic capacitors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41112A7226M000 Datasheet(HTML) 3 Page - EPCOS

  B41112A7226M000 Datasheet HTML 1Page - EPCOS B41112A7226M000 Datasheet HTML 2Page - EPCOS B41112A7226M000 Datasheet HTML 3Page - EPCOS B41112A7226M000 Datasheet HTML 4Page - EPCOS B41112A7226M000 Datasheet HTML 5Page - EPCOS B41112A7226M000 Datasheet HTML 6Page - EPCOS B41112A7226M000 Datasheet HTML 7Page - EPCOS B41112A7226M000 Datasheet HTML 8Page - EPCOS B41112A7226M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SMD capacitors
B41112
Standard series – 85
°C
3
04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawings
* Applies to 6.3
× 5.8 mm, 6.3 × 7.7 mm and 8 × 6.2 mm
Case
Terminal base board
Minus pole
Plus pole
Case dimensions
d
× l (mm)
4
× 5.4
5
× 5.4 6.3 × 5.4 6.3 × 5.8 6.3 × 7.7 8 × 6.2
8
× 10
10
× 10
A
1.8
2.1
2.4
2.4
2.4
3.3
2.9
3.2
B
4.3
5.3
6.6
6.6
6.6
8.3
8.3
10.3
C
4.3
5.3
6.6
6.6
6.6
8.3
8.3
10.3
E
1.0
1.3
2.2
2.2
2.2
2.3
3.1
4.5
H
0.5 … 0.8
0.8 … 1.1
KAL1134-F
0.3 max.
C±0.2
H
1
2
3
4
Bottom View
_
+0.1
l 0.2
(l±0.3)*
d
× l (mm)
4
× 5.4 ... 8 × 6.2:
KAL1132-Y
l±0.5
0.3 max.
C±0.2
H
1
2
3
4
Bottom View
d
× l (mm)
8
× 10 ... 10 × 10:


Similar Part No. - B41112A7226M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41112A7226M000 EPCOS-B41112A7226M000 Datasheet
316Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41112A7226M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com