Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

583SDRD Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 583SDRD
Description  5.0*5.0mm Square Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

583SDRD Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  583SDRD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 583SDRD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 583SDRD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 583SDRD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 583SDRD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 583SDRD Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
5.0*5.0mm Square Type LED Lamps
Package Dimensions
Notes: 1. All dimensions are in millimetres
2. The height of flange must be less than 1.5mm(0.059").
3. Without special declared,the tolerance is±0.25mm.
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
ESD
2000
V
Soldering Temperature
Tsol
260 ± 5
Power Dissipation
Pd
60
mW
Reverse Voltage
VR
5V
Note: *1:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 2 of 6
Device Number :
CDLE-058-029
Prepared date:
Prepared by:
Xiuzhen Feng
583SDRD/S530-A3
Electrostatic Discharge
2006/3/28


Similar Part No. - 583SDRD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
583SURD EVERLIGHT-583SURD Datasheet
78Kb / 4P
   5.0*5.0mm Square Type LED Lamps
583SURD-S530-A3 EVERLIGHT-583SURD-S530-A3 Datasheet
119Kb / 5P
   5.0*5.0MM SQUARE TYPE LED LAMPS
583SURD-S530-A3 EVERLIGHT-583SURD-S530-A3_15 Datasheet
119Kb / 5P
   5.0*5.0mm Square Type LED Lamps
583SURD/S530-A3 EVERLIGHT-583SURD/S530-A3 Datasheet
78Kb / 4P
   5.0*5.0mm Square Type LED Lamps
583SYGD EVERLIGHT-583SYGD Datasheet
111Kb / 6P
   5.0*5.0mm Square Type LED Lamps
More results

Similar Description - 583SDRD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
583SURD EVERLIGHT-583SURD Datasheet
78Kb / 4P
   5.0*5.0mm Square Type LED Lamps
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2 Datasheet
116Kb / 6P
   5.0*5.0mm Square Type LED Lamps
583UYD-S530-A3 EVERLIGHT-583UYD-S530-A3_15 Datasheet
118Kb / 6P
   5.0*5.0mm Square Type LED Lamps
583SURD-S530-A3 EVERLIGHT-583SURD-S530-A3_15 Datasheet
119Kb / 5P
   5.0*5.0mm Square Type LED Lamps
583UYD-S530-A3 EVERLIGHT-583UYD-S530-A3 Datasheet
118Kb / 6P
   5.0*5.0mm Square Type LED Lamps
583SYGD EVERLIGHT-583SYGD Datasheet
111Kb / 6P
   5.0*5.0mm Square Type LED Lamps
583UYD EVERLIGHT-583UYD Datasheet
113Kb / 6P
   5.0*5.0mm Square Type LED Lamps
583SURD-S530-A3 EVERLIGHT-583SURD-S530-A3 Datasheet
119Kb / 5P
   5.0*5.0MM SQUARE TYPE LED LAMPS
583SYGD-S530-E2 EVERLIGHT-583SYGD-S530-E2_15 Datasheet
117Kb / 6P
   5.0*5.0mm Square Type LED Lamps
583GD EVERLIGHT-583GD Datasheet
92Kb / 6P
   Technical Data Sheet 5.0*5.0mm Square Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com