Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4046APWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4046APWR
Description  HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4046APWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV4046APWR Datasheet HTML 1Page - Texas Instruments SN74LV4046APWR Datasheet HTML 2Page - Texas Instruments SN74LV4046APWR Datasheet HTML 3Page - Texas Instruments SN74LV4046APWR Datasheet HTML 4Page - Texas Instruments SN74LV4046APWR Datasheet HTML 5Page - Texas Instruments SN74LV4046APWR Datasheet HTML 6Page - Texas Instruments SN74LV4046APWR Datasheet HTML 7Page - Texas Instruments SN74LV4046APWR Datasheet HTML 8Page - Texas Instruments SN74LV4046APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PCPOUT
PC1OUT
COMPIN
VCOOUT
INH
C1A
C1B
GND
VCC
PC3OUT
SIGIN
PC2OUT
R2
R1
DEMOUT
VCOIN
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74LV4046A
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP
WITH VCO
SCES656C – FEBRUARY 2006 – REVISED APRIL 2007
• Choice of Three Phase Comparators
• ESD Protection Exceeds JESD 22
Exclusive OR
2000-V Human-Body Model (A114-A)
Edge-Triggered J-K Flip-Flop
200-V Machine Model (A115-A)
Edge-Triggered RS Flip-Flop
1000-V Charged-Device Model (C101)
• Excellent VCO Frequency Linearity
• VCO-Inhibit Control for ON/OFF Keying and
for Low Standby Power Consumption
• Optimized Power-Supply Voltage Range From
3 V to 5.5 V
• Wide Operating Temperature Range . . . –40°C
to 125
°C
• Latch-Up Performance Exceeds 250 mA Per
JESD 17
The SN74LV4046A is a high-speed silicon-gate CMOS device that is pin compatible with the CD4046B and the
CD74HC4046. The device is specified in compliance with JEDEC Std 7.
The SN74LV4046A is a phase-locked loop (PLL) circuit that contains a linear voltage-controlled oscillator (VCO)
and three different phase comparators (PC1, PC2, and PC3). A signal input and a comparator input are common
to each comparator.
The signal input can be directly coupled to large voltage signals, or indirectly coupled (with a series capacitor) to
small voltage signals. A self-bias input circuit keeps small voltage signals within the linear region of the input
amplifiers. With a passive low-pass filter, the SN74LV4046A forms a second-order loop PLL. The excellent VCO
linearity is achieved by the use of linear operational amplifier techniques.
ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 50
SN74LV4046ANS
SOP – NS
74LV4046A
Reel of 2000
SN74LV4046ANSR
Tube of 40
SN74LV4046AD
SOIC – D
LV4046A
–40
°C to 125°C
Reel of 2500
SN74LV4046ADR
Tube of 90
SN74LV4046APW
TSSOP – PW
LW046A
Reel of 2000
SN74LV4046APWR
TVSOP – DGV
Reel of 2000
SN74LV4046ADGVR
LW046A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LV4046APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4046APWR TI-SN74LV4046APWR Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046APWR TI-SN74LV4046APWR Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046APWR TI1-SN74LV4046APWR Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
SN74LV4046APWRG4 TI-SN74LV4046APWRG4 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046APWRG4 TI1-SN74LV4046APWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
More results

Similar Description - SN74LV4046APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com