Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC28IRGZ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC28IRGZ
Description  STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC28IRGZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC28IRGZ Datasheet HTML 7Page - Texas Instruments TLV320AIC28IRGZ Datasheet HTML 8Page - Texas Instruments TLV320AIC28IRGZ Datasheet HTML 9Page - Texas Instruments TLV320AIC28IRGZ Datasheet HTML 10Page - Texas Instruments TLV320AIC28IRGZ Datasheet HTML 11Page - Texas Instruments TLV320AIC28IRGZ Datasheet HTML 12Page - Texas Instruments TLV320AIC28IRGZ Datasheet HTML 13Page - Texas Instruments TLV320AIC28IRGZ Datasheet HTML 14Page - Texas Instruments TLV320AIC28IRGZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
TLV320AIC28
SLAS418B − FEBRUARY 2004 − REVISED MAY 2005
www.ti.com
11
AUDIO INTERFACE TIMING DIAGRAMS
ts(DI)
th(DI)
td(DO−BCLK)
td(DO−WS)
WCLK
BCLK
SDOUT
SDIN
td(WS)
Figure 1. DSP Timing in Master Mode
Typical Timing Requirements (see Figure 1)
PARAMETER(1)
IOVDD = 1.1 V
IOVDD = 3.3 V
UNITS
PARAMETER(1)
MIN
MAX
MIN
MAX
UNITS
td(WS)
WCLK delay
30
15
ns
td(DO−WS)
WCLK to DOUT delay (for LJF mode)
30
15
ns
td(DO−BCLK) BCLK to DOUT delay
30
15
ns
ts(DI)
SDIN setup
6
6
ns
th(DI)
SDIN hold
6
6
ns
tr
Rise time
18
6
ns
tf
Fall time
18
6
ns
(1) These parameters are based on characterization and are not tested in production.
ts(DI)
th(DI)
td(DO−BCLK)
WCLK
BCLK
SDOUT
SDIN
td(WS)
td(WS)
Figure 2. DSP Timing in Master Mode
Typical Timing Requirements (see Figure 2)
PARAMETER(1)
IOVDD = 1.1 V
IOVDD = 3.3 V
UNITS
PARAMETER(1)
MIN
MAX
MIN
MAX
UNITS
td(WS)
WCLK delay
30
15
ns
td(DO−BCLK)
BCLK to DOUT delay
30
15
ns
ts(DI)
SDIN setup
6
6
ns
th(DI)
SDIN hold
6
6
ns
tr
Rise time
18
6
ns
tf
Fall time
18
6
ns
(1) These parameters are based on characterization and are not tested in production.


Similar Part No. - TLV320AIC28IRGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC28IRGZ TI-TLV320AIC28IRGZ Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28IRGZR TI-TLV320AIC28IRGZR Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28IRGZRG4 TI-TLV320AIC28IRGZRG4 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC28IRGZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com