Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC28IRGZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC28IRGZR
Description  STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC28IRGZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC28IRGZR Datasheet HTML 2Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 3Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 4Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 5Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 6Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 7Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 8Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 9Page - Texas Instruments TLV320AIC28IRGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
TLV320AIC28
SLAS418B − FEBRUARY 2004 − REVISED MAY 2005
www.ti.com
6
ELECTRICAL CHARACTERISTICS (continued)
At +25
°C, AVDD1, AVDD2, DRVDD, IOVDD = 3.3 V, BVDD = 3.9 V, DVDD = 1.8 V, Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted
(continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DAC HEADPHONE OUTPUT
Load = 16
Ω (single-ended), 50 pF
Full-scale output voltage (0dB)
0.848
Vrms
Output common mode
1.5
V
SNR
Measured as idle channel noise, A-weighted
85
95
dBA
THD
−1 dBFS Input, 0-dB gain
−80
−60
dB
PSRR
217 Hz, 100 mV on
AVDD1/AVDD2/DRVDD(1)
55
dB
PSRR
1020 Hz, 100 mV on
AVDD1/AVDD2/DRVDD(1)
55
dB
Interchannel isolation
Coupling from ADC to DAC
80
dB
Mute attenuation
100
dB
Maximum output power
Per channel
44
mW
Digital volume control
−63.5
0
dB
Digital volume control step size
0.5
dB
Channel separation
Between SPK1 and SPK2
−75
dB
DAC SPEAKER OUTPUT
Load = 8
Ω (differential), 50 pF
Full-scale output voltage (0 dB)
1.838
Vrms
Output common mode
1.75
V
SNR
Measured as idle channel noise, A-weighted
90
98
dBA
THD
−1 dBFS Input, 0-dB gain
−74
−55
dB
217 Hz, 100 mV on AVDD1/2
70
PSRR
217 Hz, 100 mV on BVDD
70
dB
PSRR
1020 Hz, 100 mV on AVDD1/2
70
dB
1020 Hz, 100 mV on BVDD
70
Interchannel isolation
Coupling from ADC to DAC
90
dB
Mute attenuation
100
dB
Maximum output power
400
mW
CELLPHONE
MIC INPUT TO CPOUT
1020-Hz Sine wave input on MICIN_HND,
load on CP_OUT = 10 k
Ω, 50 pF
Full-scale input voltage (0 dB)
0.707
Vrms
Input common mode
1.5
V
Full-scale output voltage (0 dB)
0.707
Vrms
Output common mode
1.5
V
SNR
Measured as idle channel noise, A-weighted
80
89
dBA
THD
0 dBFS Input, 0-dB gain
−73
−60
dB
217 Hz, 100 mV on AVDD1/AVDD2/DRVDD
43
PSRR
1020 Hz, 100 mV on
AVDD1/AVDD2/DRVDD
43
dB
Interchannel isolation
CP_IN to CP_OUT
75
dB
Mute attenuation
CP_OUT muted
100
dB
(1) DAC PSRR measurement is calculated as:
PSRR
+ 20 log
10
VSIGsup
V
SPK1 2


Similar Part No. - TLV320AIC28IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC28IRGZR TI-TLV320AIC28IRGZR Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28IRGZRG4 TI-TLV320AIC28IRGZRG4 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
More results

Similar Description - TLV320AIC28IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28 Datasheet
792Kb / 81P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_07 Datasheet
1Mb / 94P
[Old version datasheet]   STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320DAC3203 TI1-TLV320DAC3203 Datasheet
890Kb / 35P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com