Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q80 Datasheet(PDF) 10 Page - Winbond

Part # W25Q80
Description  8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80 Datasheet(HTML) 10 Page - Winbond

Back Button W25Q80 Datasheet HTML 6Page - Winbond W25Q80 Datasheet HTML 7Page - Winbond W25Q80 Datasheet HTML 8Page - Winbond W25Q80 Datasheet HTML 9Page - Winbond W25Q80 Datasheet HTML 10Page - Winbond W25Q80 Datasheet HTML 11Page - Winbond W25Q80 Datasheet HTML 12Page - Winbond W25Q80 Datasheet HTML 13Page - Winbond W25Q80 Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
W25Q80, W25Q16, W25Q32
- 10 -
9. FUNCTIONAL DESCRIPTION
9.1 SPI OPERATIONS
9.1.1
Standard SPI Instructions
The W25Q80/16/32 is accessed through an SPI compatible bus consisting of four signals: Serial Clock
(CLK), Chip Select (/CS), Serial Data Input (DI) and Serial Data Output (DO). Standard SPI instructions
use the DI input pin to serially write instructions, addresses or data to the device on the rising edge of
CLK. The DO output pin is used to read data or status from the device on the falling edge CLK.
SPI bus operation Modes 0 (0,0) and 3 (1,1) are supported. The primary difference between Mode 0
and Mode 3 concerns the normal state of the CLK signal when the SPI bus master is in standby and
data is not being transferred to the Serial Flash. For Mode 0 the CLK signal is normally low on the
falling and rising edges of /CS. For Mode 3 the CLK signal is normally high on the falling and rising
edges of /CS.
9.1.2
Dual SPI Instructions
The W25Q80/16/32 supports Dual SPI operation when using the "Fast Read Dual Output and Dual I/O"
(3B and BB hex) instructions. These instructions allow data to be transferred to or from the device at
two to three times the rate of ordinary Serial Flash devices. The Dual Read instructions are ideal for
quickly downloading code to RAM upon power-up (code-shadowing) or for executing non-speed-critical
code directly from the SPI bus (XIP). When using Dual SPI instructions the DI and DO pins become
bidirectional I/O pins; IO0 and IO1.
9.1.3
Quad SPI Instructions
The W25Q80/16/32 supports Quad SPI operation when using the "Fast Read Quad Output and Fast
Read Quad I/O" (6B and EB hex respectively). These instructions allow data to be transferred to or from
the device four to six times the rate of ordinary Serial Flash. The Quad Read instructions offer a
significant improvement in continuous and random access transfer rates allowing fast code-shadowing
to RAM or execution directly from the SPI bus (XIP). When using Quad SPI instructions the DI and DO
pins become bidirectional IO0 and IO1, and the /WP and /HOLD pins become IO2 and IO3 respectively.
Quad SPI instructions require the non-volatile Quad Enable bit (QE) in Status Register-2 to be set.
9.1.4
Hold Function
The /HOLD signal allows the W25Q80/16/32 operation to be paused while it is actively selected (when
/CS is low). The /HOLD function may be useful in cases where the SPI data and clock signals are
shared with other devices. For example, consider if the page buffer was only partially written when a
priority interrupt requires use of the SPI bus. In this case the /HOLD function can save the state of the
instruction and the data in the buffer so programming can resume where it left off once the bus is
available again. The /HOLD function is only available for standard SPI and Dual SPI operation, not
during Quad SPI.
To initiate a /HOLD condition, the device must be selected with /CS low. A /HOLD condition will activate
on the falling edge of the /HOLD signal if the CLK signal is already low. If the CLK is not already low the
/HOLD condition will activate after the next falling edge of CLK. The /HOLD condition will terminate on
the rising edge of the /HOLD signal if the CLK signal is already low. If the CLK is not already low the


Similar Part No. - W25Q80

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BL WINBOND-W25Q80BL Datasheet
2Mb / 74P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLDAIG WINBOND-W25Q80BLDAIG Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLDAIP WINBOND-W25Q80BLDAIP Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BLSNIG WINBOND-W25Q80BLSNIG Datasheet
2Mb / 75P
   2.5V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results

Similar Description - W25Q80

ManufacturerPart #DatasheetDescription
logo
Winbond
W25P16VSFIG-TR WINBOND-W25P16VSFIG-TR Datasheet
924Kb / 43P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
W25Q32V WINBOND-W25Q32V Datasheet
1Mb / 61P
   32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV Datasheet
1Mb / 75P
   8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25P80 WINBOND-W25P80 Datasheet
806Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
   8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25Q16V WINBOND-W25Q16V Datasheet
1Mb / 60P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BVDAIG-TR WINBOND-W25Q80BVDAIG-TR Datasheet
1Mb / 74P
   8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25X16 WINBOND-W25X16_08 Datasheet
1Mb / 50P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16 WINBOND-W25X16 Datasheet
1Mb / 47P
   16M-BIT, 32M-BIT, AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com