Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC182P Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC182P
Description  DIFFERENTIAL BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC182P Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LBC182P Datasheet HTML 5Page - Texas Instruments SN65LBC182P Datasheet HTML 6Page - Texas Instruments SN65LBC182P Datasheet HTML 7Page - Texas Instruments SN65LBC182P Datasheet HTML 8Page - Texas Instruments SN65LBC182P Datasheet HTML 9Page - Texas Instruments SN65LBC182P Datasheet HTML 10Page - Texas Instruments SN65LBC182P Datasheet HTML 11Page - Texas Instruments SN65LBC182P Datasheet HTML 12Page - Texas Instruments SN65LBC182P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SN65LBC182
SN75LBC182
SLLS500A − MAY 2001 − REVISED MARCH 2005
9
www.ti.com
TYPICAL CHARACTERISTICS
1.0
1.5
2.0
2.5
3.0
−40
−20
0
20
40
60
80
Figure 9
TA − Free-Air Temperature − °C
RL = 54 Ω
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs
TEMPERATURE
VCC = 4.75 V
VCC = 5 V
VCC = 5.25 V
TA − Free-Air Temperature − °C
640
660
680
700
720
740
760
780
800
−40
−20
0
20
40
60
80
DRIVER PROPAGATION DELAY TIME
vs
TEMPERATURE
tPLH
tPHL
Figure 10
300
400
500
600
700
800
900
−40
−20
0
20
40
60
80
Figure 11
TA − Free-Air Temperature − °C
DRIVER TRANSITION TIME
vs
TEMPERATURE
tf
tr
IO − Output Current − mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
102030405060708090
100
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 12


Similar Part No. - SN65LBC182P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC182P TI-SN65LBC182P Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182P TI-SN65LBC182P Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182PE4 TI-SN65LBC182PE4 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182PE4 TI-SN65LBC182PE4 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results

Similar Description - SN65LBC182P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ALS1176 TI-SN65ALS1176 Datasheet
166Kb / 12P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_07 Datasheet
335Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176A-EP TI1-SN65LBC176A-EP Datasheet
410Kb / 17P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Linear Technology
LTC1485 LINER-LTC1485_15 Datasheet
188Kb / 12P
   Differential Bus Transceiver
logo
Texas Instruments
SN65LBC176-Q1 TI1-SN65LBC176-Q1 Datasheet
791Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
logo
Burr-Brown (TI)
ISO422 BURR-BROWN-ISO422 Datasheet
251Kb / 8P
   DIFFERENTIAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
SN65LBC182 TI-SN65LBC182_01 Datasheet
189Kb / 13P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com