Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4751 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # Q67040-S4751
Description  Cool MOS??Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4751 Datasheet(HTML) 8 Page - Infineon Technologies AG

  Q67040-S4751 Datasheet HTML 1Page - Infineon Technologies AG Q67040-S4751 Datasheet HTML 2Page - Infineon Technologies AG Q67040-S4751 Datasheet HTML 3Page - Infineon Technologies AG Q67040-S4751 Datasheet HTML 4Page - Infineon Technologies AG Q67040-S4751 Datasheet HTML 5Page - Infineon Technologies AG Q67040-S4751 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4751 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4751 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4751 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
2001-07-25
SPP20N60S5
SPB20N60S5
Preliminary data
P-TO220-3-1
symbol
[mm]
[inch]
minmax
minmax
A
9.70
10.30
0.3819
0.4055
B
14.88
15.95
0.5858
0.6280
C
0.65
0.86
0.0256
0.0339
D
3.55
3.89
0.1398
0.1531
E
2.60
3.00
0.1024
0.1181
F
6.00
6.80
0.2362
0.2677
G
13.00
14.00
0.5118
0.5512
H
4.35
4.75
0.1713
0.1870
K
0.38
0.65
0.0150
0.0256
L
0.95
1.32
0.0374
0.0520
M
N
4.30
4.50
0.1693
0.1772
P
1.17
1.40
0.0461
0.0551
T
2.30
2.72
0.0906
0.1071
2.54 typ.
0.1 typ.
dimensions
P-TO220-3-1
TO-263 (D²Pak/P-TO220SMD)
symbol
[mm]
[inch]
min
max
min
max
A
9.80
10.20
0.3858
0.4016
B
0.70
1.30
0.0276
0.0512
C
1.00
1.60
0.0394
0.0630
D
1.03
1.07
0.0406
0.0421
E
F
0.65
0.85
0.0256
0.0335
G
H
4.30
4.50
0.1693
0.1772
K
1.17
1.37
0.0461
0.0539
L
9.05
9.45
0.3563
0.3720
M
2.30
2.50
0.0906
0.0984
N
P
0.00
0.20
0.0000
0.0079
Q
4.20
5.20
0.1654
0.2047
R
S
2.40
3.00
0.0945
0.1181
T
0.40
0.60
0.0157
0.0236
U
V
W
X
Y
Z
0.3701
0.6358
0.1811
2.54 typ.
5.08 typ.
4.60
9.40
16.15
15 typ.
6.23
1.15
10.80
8° max
dimensions
0.4252
0.0453
0.2453
0.1 typ.
0.2 typ.
0.5906 typ.
8° max


Similar Part No. - Q67040-S4751

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-S4742-A2 SIEMENS-Q67040-S4742-A2 Datasheet
86Kb / 9P
   SIPMOS-TM POWER TRANSISTOR
More results

Similar Description - Q67040-S4751

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com