Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-NT11 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3X-NT11
Description  Teaching Optical Fiber Photoelectric Sensor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NT11 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3X-NT11 Datasheet HTML 1Page - Omron Electronics LLC E3X-NT11 Datasheet HTML 2Page - Omron Electronics LLC E3X-NT11 Datasheet HTML 3Page - Omron Electronics LLC E3X-NT11 Datasheet HTML 4Page - Omron Electronics LLC E3X-NT11 Datasheet HTML 5Page - Omron Electronics LLC E3X-NT11 Datasheet HTML 6Page - Omron Electronics LLC E3X-NT11 Datasheet HTML 7Page - Omron Electronics LLC E3X-NT11 Datasheet HTML 8Page - Omron Electronics LLC E3X-NT11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
1
Teaching Optical Fiber Photoelectric Sensor
E3X-N
Sensitivity Easily Adjusted with
Teaching
Four Amplifiers built into Four-channel Fiber
Amplifier Models.
Four Fiber Units can be wired close together and
connected to a Four-channel Fiber Amplifier
without mutual interference.
Compact with a width of 32 mm (Four-channel
Fiber Amplifier Models) and a width of 10 mm
(One-channel Fiber Amplifier Models).
Built-in initial operating level compensation func-
tion allows no-object teaching.
Ordering Information
Amplifier Units
Item
General-
purpose
Multi-function
Four-channel
Waterproof red
light source
Waterproof green
light source
Model
E3X-NT11
(NPN output)
E3X-NT41
(PNP output)
E3X-NT21
(NPN output)
E3X-NT51
(PNP output)
E3X-NM11
(NPN output)
E3X-NM41
(PNP output)
E3X-NV21
(NPN output)
E3X-NVG21
(NPN output)
Appearance
59
10
32.5
33
32.2
59
59
33.2
12
Light source
Red LED (
λ = 680 nm)
Green LED (
λ =
565 nm)
Power supply voltage
12 to 24 VDC
±10%, ripple (p-p) 10% max.
Current consumption
50 mA max.
150 mA max.
50 mA max.
Response time
500
µs max. at rated sensing distance
Control output
PNP or NPN open collector, load current: 100 mA, residual voltage: 1 V max.
Timer function (see note)
---
OFF-delay
timer (fixed to
40 ms)
OFF-delay timer
(fixed to 40 ms)
(independent
channel)
OFF-delay timer (fixed to 40 ms)
Teaching confirmation function
Indicator (red/green LEDs) and buzzer
Remote teaching input
---
Pink and blue (0 V) wires are
short-circuited when remote input is
ON. (0 V short-circuit current: 1 mA
max.)
Pink and blue (0 V) wires are not
short-circuited when remote input is
OFF. (Open or 9 V min.; max. input
voltage: 24 V)
Response time is 0.5 ms max. when
remote input is OFF.
Blue and pink wires are short-circuited
when remote input is ON.
Blue and pink wires are not
short-circuited when remote input is OFF.
Output
Light ON and Dark ON switch selectable
Note:
It is possible to disable the OFF-delay timer function by using the switch setting.


Similar Part No. - E3X-NT11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-NT ETC1-E3X-NT Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-NT OMRON-E3X-NT Datasheet
432Kb / 6P
   Fiber-Optic Accessories
More results

Similar Description - E3X-NT11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com