Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4XZMF Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # 4XZMF
Description  2 and 4 Zone Conventional Fire Alarm Control Panels
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

4XZMF Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  4XZMF Datasheet HTML 1Page - Honeywell Solid State Electronics Center 4XZMF Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60292 Rev. A page 2 of 2
www.gamewell-fci.com
Options
CAC-4
Used to convert Style B (Class B) IDCs to
Style D (Class A) and Style Y (Class B)
NACs to Style Z (Class A). Mounts in
FACP. Flex 404 only.
XRM-24
Second 100VA transformer for maximum
accessory power. Mounts in FACP. Flex
404 only.
4XTMF
Transmitter module provides output for
local energy municipal box transmitter and
alarm and trouble reverse polarity. Mounts
in FACP. Flex 402 & Flex 404.
4XZMF
Zone relay module provides Form-C relays:
Alarm Zones 1, 2, 3, 4, System Alarm,
Trouble. Mounts in FACP. Flex 404 only.
4XLMF
LED interface module supports the
GWSAN-404 remote annunciator,
supervises annunciator wiring for open
conditions. Mounts in FACP. Flex 404 only.
411UD
Four input/channel, dual line, digital alarm
communicator/transmitter(DACT). Input/
channels are compatible with normally
open relay contacts, are supervised and
fully programmable. Interfaces with public
switched telephone networks and
compatible with most central station receiv-
ers. Flex 404 only.
GWSAN-404 Remote annunciator mounts in single-gang
electrical box, provides LED indication of
Alarm Zones 1, 2, 3, 4; and System
Trouble. Flex 404 only.
Specifications
AC Power
120 VAC, 50/60Hz, 2.3 A
Battery
Max. charging circuit: 27.6 VDC@ 0.8A
Max. charger capacity: 18 Ah (two 7Ah
batteries fit inside FACP)
Initiating Device Alarm zones 1 & 2 (Flex 402 / Flex 404)
Circuits (IDC)
Alarm zones 3 & 4 (Flex 404 only)
Operation: All zones Style B (Class B)
Power limited circuitry
Operating voltage: nominal 20 VDC
Alarm current: 15 mA minimum
Short circuit current: 40 mA maximum
Standby current: 4 mA
Maximum loop resistance: 100 ohms
Notification
One NAC: Flex 402; two NACs:Flex 404
Specifications (Continued)
Circuits (NAC)
Operation: Style Y (Class B)
Power limited circuitry
Operating voltage: nominal 24 VDC
Maximum signaling current: 2.5 A total
(5.0 A Flex 404 with optional
transformer)
Maximum line impedance: 1.5 volt drop
Form-C Relays Trouble, Alarm (Supervisory, Flex 404)
Contact ratings 2 A @ 30 VAC
(resistive)
Resettable
Operating voltage: nominal 24 VDC
power
Power limited circuitry
Maximum available current: 500 mA
Nonresettable
Operating voltage: nominal 24 VDC
power
Power limited circuitry
Maximum Available current: 500 mA
Cabinet
Door: 15.3" x 14.7" x 0.3"
(39 x 37 x 1 cm)
Backbox: 15.0" x 14.5" x 3.0"
(
38 x 37 x 8 cm)
Ordering Information
GWF402
Flex 402 conventional FACP, 2 zones,
120 VAC, red
GWF404
Flex 404 conventional FACP, 4 zones,
120 VAC, red
71252
EOL resistor, 4.7K ohm, ½ watt
52194
Flex 402 and Flex 404 Installation &
Operation Manual
Options:
CAC-4
Class A converter for initiating device
circuits and notification appliance cir-
cuits (cannot be used on Flex 402)
XRM-24
Transformer, expands NAC circuit
power from 3 to 5 amps
4XTMF
Transmitter module for remote station
output or municipal box connection
4XZMF
Relay module, four relays-by-zone,
alarm and trouble contacts, 24VDC
4XLMF
Remote annunciator driver, 24 VDC,
supports GWSAN-404
411UD
Four channel dual slave programmer
DACT, Form C relay and upload/down-
load capability; with enclosure, requires
PRO-411
PRO-411
Programmer, use with 411UD,
411UDAC
GWSAN-404
LED remote annunciator for Flex 404,
4 alarms, 1 trouble (requires 4XLMF)
BB-17F
Battery box, houses 2 batteries
(7-18 Ah max)


Similar Part No. - 4XZMF

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
4XZMF GAMEWELL-FCI-4XZMF Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
More results

Similar Description - 4XZMF

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
GWF402 GAMEWELL-FCI-GWF402 Datasheet
67Kb / 2P
   Two and Four Zone Conventional Fire Alarm Control Panels
GF505 GAMEWELL-FCI-GF505 Datasheet
61Kb / 2P
   5 and 10 Zone Conventional Fire Alarm Control Panels
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
M46-SL GAMEWELL-FCI-M46-SL Datasheet
219Kb / 2P
   Conventional Fire Alarm Pull Stations
logo
List of Unclassifed Man...
540501MED-0842X ETC2-540501MED-0842X Datasheet
189Kb / 1P
   fire alarm markets leading conventional sounder
logo
Gamewell-FCI by Honeywe...
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
   Conventional Fire Alarms
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com