Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-NVG21 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3X-NVG21
Description  Teaching Optical Fiber Photoelectric Sensor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NVG21 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3X-NVG21 Datasheet HTML 5Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 6Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 7Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 8Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 9Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 10Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 11Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 12Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
E3X-N
E3X-N
9
Reflective Sensors
Model
Differential
travel
Ambient temperature
Ambient
humidity
Permissible bending
radius
Material
Degree of
protection
E32-D11L
20% of max.
of sensing
di t
Operating: –40
°C to
70
°C (with no icing)
Operating:
35% to 85%
25 mm min.
Black
polyethylene
IEC60529
IP67
E32-D12
g
distance
(g)
yy
E32-D21L
E32-D22L
E32-DC200
E32-DC200B
E32-DC200B4
E32-DC200E
E32-DC200F
E32-DC200F4
E32-D11
4 mm min.
Vinyl chloride
E32-D21
E32-DC9G
E32-DC9G4
E32-D33
E32-CC200
E32-D32
E32-D32L
E32-D14L
E32-D24
E32-D12F
Operating: –30
°C to
70
°C (with no icing)
40 mm min.
Teflon-covered
black
polyethylene*1
E32-D51
Operating: –40
°C to
150
°C (with no icing)*2
35 mm min.
Fluoride resin
E32-D61
Operating: –40
°C to
300
°C (with no icing)*3
25 mm min.
SUS
E32-D73
Operating: –40
°C to
400
°C (with no icing)*3
E32-R21 with
E39-R3
Operating: –40
°C to
70
°C (with no icing)
Black
polyethylene
E32-R16 with
E39-R1
Operating: –25
°C to
55
°C (with no icing)
IEC60529
IP66
E32-L25*4
5% of max. of
i
Operating: –40
°C to
70
°C ( ith
i i
)
IEC60529
IP50
E32-L25A*4
5% o
a
o
sensing
distance
Oe a
g
0 Co
70
°C (with no icing)
C605 9
IP50
E32-L25L*4
distance
Operating: –40
°C to
105
°C*5
10 mm min. (average
at 10% decrease of
Reinforced
polyethylene
E32-L24L*4
105
°C*5
at 10% decrease of
sensing distance)
polyethylene
Note:
The Sensor may be set to the light-ON state if the sensitivity (teaching) is set to maximum, in which case, use the Sensor at a sensitivity
setting other than the maximum level.
*1 Teflon is a registered trademark of the Dupont Company and the Mitsui Dupont Chemical Company for their fluoride resin.
*2 When used continuously between –40
°C and 130°C.
*3 The resistive temperature varies with the part of the Fiber Unit. For details, refer to
Dimensions.
*4 Beam size: 2-mm dia.
*5 For continuous operation, use the products within the temperature ranging from –40
_C to 90_C.
Fine Through-beam Sensors
Model
Beam size
Differenci
al travel
Horizontal
positioning
accuracy
Ambient
temperature
Ambient
humidity
Permissible
bending
radius
Material
Degree of
protection
E32-T22S
13 mm dia.
(at a distance
---
---
Operating:
–40
°C to 70°C
Operating:
35% to 85%
10 mm min.*
Reinforced
laminated
IEC60529
IP67
E32-T24S
(at a distance
of 200 mm)
40 C to 70 C
(with no icing)
35% to 85%
laminated
vinyl
chloride
IP67
E32-T84S
Operating:
–40
°C to 200°C
(with no icing)
25 mm min.
SUS


Similar Part No. - E3X-NVG21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-NVG ETC1-E3X-NVG Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-NVG OMRON-E3X-NVG Datasheet
432Kb / 6P
   Fiber-Optic Accessories
More results

Similar Description - E3X-NVG21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com