Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3X-NVG21 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3X-NVG21
Description  Teaching Optical Fiber Photoelectric Sensor
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-NVG21 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3X-NVG21 Datasheet HTML 1Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 2Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 3Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 4Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 5Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 6Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 7Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 8Page - Omron Electronics LLC E3X-NVG21 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
E3X-N
E3X-N
5
Indicates models that allow free cutting. Models without this mark do not allow free cutting.
Model
Appearance
Sensing distance (standard object: opaque)
(NT: E3X-NT
jj; NM: E3X-NMjj
NV: E3X-NV21; NVG: E3X-NVG21
)
Min. sensing object
(copper wire)
Features
White paper
Black paper
E32-R21
+E39-R3*4
M6 screw
Reflector
E39-R3
NT:
25 to 250 mm
(35-mm dia. min.)*1
NM: 25 to 250 mm
(35-mm dia. min.)*1
NV:
25 to 250 mm ( 35-mm dia. min.)
---
NT:
0.3-mm dia.
NM: 0.6-mm dia.
NV:
0.3-mm dia.
Transparent objects detection
Retroreflective (with M.S.R.
function)*5
E32-R16
+E39-R1*4
Reflector
E39-R1
NT:
150 to 1,500 mm
(35-mm dia. min.)*1
NM: 150 to 1,500 mm
(35-mm dia. min.)*1
NV:
150 to 1,500 mm
(35-mm dia. min.)*1
---
NT:
0.5-mm dia.
NM: 1.9-mm dia.
NV:
0.5-mm dia.
Transparent objects detection
E32-L25*2
NT:
3.3 mm (2.5 x 2.5 cm)
NM: 3.3 mm (2.5 x 2.5 cm)
NV:
3.3 mm (2.5 x 2.5 cm)
---
NT:
0.012-mm dia.
NM: 0.015-mm dia.
NV:
0.012-mm dia.
Limited reflective; detects
wafers and small difference in
height
E32-L25A*2
NT:
3.3 mm (2.5 x 2.5 cm)
NM: 3.3 mm (2.5 c 2.5 cm)
NV:
3.3 mm (2.5 x 2.5 cm*1)
---
NT:
0.012-mm dia.
NM: 0.015-mm dia.
NV:
0.012-mm dia.
Limited reflective; detects
wafers and small difference in
height
E32-L25L*2, 3
NT:
7.2
±1.8 mm (2.5 x 2.5 cm)
NM: 7.2
±1.8 mm (2.5 x 2.5 cm)
NV:
7.2
±1.8 mm (2.5 x 2.5 cm*1)
---
NT:
0.012-mm dia.
NM: 0.015-mm dia.
NV:
0.012-mm dia.
Limited reflective, long distance;
detects wafers and small
difference in height
E32-L24L*3
NT:
4
±2 mm (2.5 x 2.5 cm)
NM: 4
±2 mm (2.5 x 2.5 cm)
NV:
4
±2 mm (2.5 x 2.5 cm)
---
NT:
0.012-mm dia.
NM: 0.015-mm dia.
NV:
0.012-mm dia.
Limited reflective, long distance,
side-view; detects wafers and
small difference in height
*1 Standard object: opaque
*2 For standard sensing distances, refer to
Dimensions.
*3 For continuous operation, use the products within the temperature ranging from –40
_C to 90_C.
*4 The operating ambient temperature of the reflectors supplied with the product are the same as that for the E32-R21 and E32-R16.
*5 The M.S.R. (mirror surface rejection) function provides stable sensing for glossy objects.
Indicates models that allow free cutting. Models without this mark do not allow free cutting.
Fine Through-beam Sensors
Model
Appearance
Sensing distance (standard object: opaque)
(NT: E3X-NT
jj; NM: E3X-NMjj
NV: E3X-NV21; NVG: E3X-NVG21
)
Min. sensing object
(opaque objects)
Features
E32-T22S
3-mm dia.
NT:
650 mm (1.7-mm dia. min.)
NM: 650 mm (1.7-mm dia. min.)
NV:
650 mm (1.7-mm dia. min.)
NT:
0.2-mm dia.
NM: 0.4-mm dia.
NV:
0.2-mm dia.
General-purpose;
detects wafers and
small difference in
height
E32-T24S
3.5 x 3 mm dia.
NT:
480 mm (2-mm dia. min.)
NM: 450 mm (2-mm dia. min.)
NV:
480 mm (2-mm dia. min.)
NT:
0.2-mm dia.
NM: 0.4-mm dia.
NV:
0.2-mm dia.
Side-view; detects
wafers and small
difference in height
E32-T84S
NT:
480 mm (2-mm dia. min.)
NM: 450 mm (2-mm dia. min.)
NV:
480 mm (2-mm dia. min.)
NT:
0.3-mm dia.
NM: 0.3-mm dia.
NV:
0.3-mm dia.
L-shaped
through-beam; heat
resistance of up to
200
_C.*
* The resistive temperature varies with the part of the Fiber Unit. For details, refer to
Dimensions.
Slot Sensor
Model
Appearance
Sensing distance (standard object: opaque)
(NT: E3X-NT
jj; NM: E3X-NMjj
NV: E3X-NV21; NVG: E3X-NVG21
)
Min. sensing object
(opaque objects)
Features
E32-G14
10 mm (slot width)*1 (4-mm dia. min.)
NT:
0.4-mm dia.
NM: 0.7-mm dia.
NV:
0.4-mm dia.
NVG:
0.6-mm dia.
Slot through-beam; no
optical axis adjustment
required
*1 No-object teaching is not possible with the E32-G14 because the sensing distance of the E32-G14 is short and the light will be excessive.
Perform with/without-object teaching instead.


Similar Part No. - E3X-NVG21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3X-NVG ETC1-E3X-NVG Datasheet
190Kb / 6P
   Fiber-Optic Accessories
logo
Omron Electronics LLC
E3X-NVG OMRON-E3X-NVG Datasheet
432Kb / 6P
   Fiber-Optic Accessories
More results

Similar Description - E3X-NVG21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X OMRON-E3X Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
   OPTICAL FIBER SENSOR
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
E3X-NH OMRON-E3X-NH Datasheet
916Kb / 40P
   Fine Tuning Fiber Photoelectric Sensor
E32S15105M OMRON-E32S15105M Datasheet
844Kb / 10P
   Optical Fiber Glossy Object Sensor
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com