Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXL2-433-9 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # RXL2-433-9
Description  UHF Multi Channel Transparent Data Link TX/RX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RXL2-433-9 Datasheet(HTML) 3 Page - Radiometrix Ltd

  RXL2-433-9 Datasheet HTML 1Page - Radiometrix Ltd RXL2-433-9 Datasheet HTML 2Page - Radiometrix Ltd RXL2-433-9 Datasheet HTML 3Page - Radiometrix Ltd RXL2-433-9 Datasheet HTML 4Page - Radiometrix Ltd RXL2-433-9 Datasheet HTML 5Page - Radiometrix Ltd RXL2-433-9 Datasheet HTML 6Page - Radiometrix Ltd RXL2-433-9 Datasheet HTML 7Page - Radiometrix Ltd RXL2-433-9 Datasheet HTML 8Page - Radiometrix Ltd RXL2-433-9 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Radiometrix Ltd
TXL2/RXL2 Data Sheet
page 3
8 holes of 0.7mm dia.
pin spacing 2.54mm (0.1")
12
3
4
5
6
7
8
7mm
42mm
18mm
15.24mm (0.6")
0.3"
1 = RF gnd
2 = RF out
3 = RF gnd
4 = En
5 = Vcc
6 = GND
7 = TXD
8 = SETUP
TXL2
TXL2 Pin description
Pin
Name
Function
1
RF GND
RF ground
2
RF out
50Ω RF output to the antenna
3
RF GND
RF ground
4
EN
Pull high to enable module (may be tied to Vcc)
5
Vcc
5V regulated power supply (4.75 – 5.25V)
6
GND
Supply ground
7
TXD
Inverted RS232 input (5V CMOS logic, No pullup)
8
TEST/SETUP Pull low to enter test/setup mode (5V CMOS logic, Pullup to 5V)
Notes:
1. TEST has 47K pullup to Vcc. TXD has none. EN has a 47K pulldown
2. Vcc must be a 5v regulated supply (4.75 - 5.25v)
3. Pinout is similar to TX1H, with the addition of pin 8 (located 7.62mm on from pin 7)
4. TXD is inverted RS232 at 5v cmos levels. To connect to a true RS232 device, inverting a level shifter must be
used (MAX232 type are ideal, but simple NPN transistor switches with pullups often suffice). With typical
microcontrollers and uarts, direct connection is possible.
5. The TXL2 provides transmit side of a simplex link, but provided no two devices attempt to transmit at one
time, no further restrictions on data transmission need be made, as all transmit timing, valid data identification
and datastream buffering is conducted by the unit. There is no 'transmit enable' pin.
6. This unit is compatible with the RXL2 receiver and the TDL2A transceiver
7. A simple addressing structure is included in the datastream. Units may be programmed onto one of eight
addresses (all units are supplied set to default ADDR=0 and default channel=0, 433.925MHz)
Figure 3: TXL2 footprint


Similar Part No. - RXL2-433-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXL2-433-9 ETC2-RXL2-433-9 Datasheet
368Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
More results

Similar Description - RXL2-433-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
342Kb / 11P
   UHF Multi Channel Transparent Data Link Transceiver
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
logo
Radiometrix Ltd
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
CXT RADIOMETRIX-CXT Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
CXT2 RADIOMETRIX-CXT2 Datasheet
654Kb / 12P
   Multi channel 25kHz NBFM remote control TX/RX
I9600 RADIOMETRIX-I9600 Datasheet
416Kb / 7P
   9600 baud Transparent Data Link IC
logo
Integrated Device Techn...
F6103 IDT-F6103 Datasheet
99Kb / 2P
   Common Data Link (CDL) RX IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com