Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDL2A-433-9 Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # TDL2A-433-9
Description  UHF Multi Channel Transparent Data Link Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TDL2A-433-9 Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button TDL2A-433-9 Datasheet HTML 3Page - Radiometrix Ltd TDL2A-433-9 Datasheet HTML 4Page - Radiometrix Ltd TDL2A-433-9 Datasheet HTML 5Page - Radiometrix Ltd TDL2A-433-9 Datasheet HTML 6Page - Radiometrix Ltd TDL2A-433-9 Datasheet HTML 7Page - Radiometrix Ltd TDL2A-433-9 Datasheet HTML 8Page - Radiometrix Ltd TDL2A-433-9 Datasheet HTML 9Page - Radiometrix Ltd TDL2A-433-9 Datasheet HTML 10Page - Radiometrix Ltd TDL2A-433-9 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Radiometrix Ltd
TDL2A Data Sheet
page 9
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A) Whip
This is a wire, rod ,PCB track or combination connected directly to RF pin of the
module. Optimum total length is 16cm (1/4 wave @ 433MHz). Keep the open circuit (hot)
end well away from metal components to prevent serious de-tuning. Whips are ground
plane sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is
small and plastic cased
B) Helical
Wire coil, connected directly to RF pin, open circuit at other end. This antenna is very
efficient given it’s small size (20mm x 4mm dia.). The helical is a high Q antenna, trim
the wire length or expand the coil for optimum results. The helical de-tunes badly with
proximity to other conductive objects.
C) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and
fed from RF pin at a point 20% from the ground end. Loops have high immunity to
proximity de-tuning.
A
B
C
whip
helical
loop
Ultimate performance
***
**
*
Easy of design set-up
***
**
*
Size
*
***
**
Immunity proximity effects
*
**
***
The antenna choice and position directly controls the system range. Keep it clear of other metal in the
system, particularly the 'hot' end. The best position by far, is sticking out the top of the product. This is
often not desirable for practical/ergonomic reasons thus a compromise may need to be reached. If an
internal antenna must be used, try to keep it away from other metal components, particularly large
ones like transformers, batteries and PCB tracks/earth plane. The space around the antenna is as
important as the antenna itself.
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
Figure 8: Antenna types


Similar Part No. - TDL2A-433-9

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
More results

Similar Description - TDL2A-433-9

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TDL2A RADIOMETRIX-TDL2A Datasheet
581Kb / 11P
   UHF Multi Channel Transparent Data Link
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
TXL2 ETC2-TXL2 Datasheet
368Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
logo
Radiometrix Ltd
RXL2-433-9 RADIOMETRIX-RXL2-433-9 Datasheet
592Kb / 11P
   UHF Multi Channel Transparent Data Link TX/RX
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
SMX2-433-5 RADIOMETRIX-SMX2-433-5 Datasheet
232Kb / 7P
   Small Multi-channel UHF Transceiver
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com