Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CONTROL44 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # CONTROL44
Description  4 bit Address - 4 bit Data encoder/decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CONTROL44 Datasheet(HTML) 3 Page - Radiometrix Ltd

  CONTROL44 Datasheet HTML 1Page - Radiometrix Ltd CONTROL44 Datasheet HTML 2Page - Radiometrix Ltd CONTROL44 Datasheet HTML 3Page - Radiometrix Ltd CONTROL44 Datasheet HTML 4Page - Radiometrix Ltd CONTROL44 Datasheet HTML 5Page - Radiometrix Ltd CONTROL44 Datasheet HTML 6Page - Radiometrix Ltd CONTROL44 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Radiometrix Ltd
Control44
page 3
Pin
Name
Input/Output
Description
1
STB
Output
Positive going pulse on reception of valid data packet. 10µs duration
2
Mode
Input
RX=0V, TX=Vdd (no pull-up, only read at reset/power up)
3
NC
4
RST
Input
Active Low Reset (Connect to user system reset or tie to Vdd)
5
VSS
Supply
Supply Ground
6-9
A3:A0
Input
Least significant 4 bits of Address (Internal pull-ups to Vdd)1,5
10-13
DA3:DA0
Output
Least significant 4 bits of Data A5
14
Vdd
Supply
4.5-5.5V supply (decouple with 0.1µF close to IC)
15
OSC2
Output
3.58MHz resonator2
16
OSC1
Input
3.58MHz resonator2
17
Latch
Input
0V = latch DA3:D0 until next packet
Vdd = clear DA3:DA0 after 150ms (no pull-up)
18
RXD
Input
Encoded Address and Data from RXD Output of RF Receiver
Notes:
1. Only 4 of the 6 address bits are accessible. A5,A4 are set to 0 in CTR44
2. OSC1,2 require a 3.58MHz ceramic resonator with internal capacitors like Murata
CSTLA3M58G55-B0. If a 2 pin resonator or crystal is used, then two 15pF-22pF caps are
needed: one from OSC1 to 0V another from OSC2 to 0V. 100Ω series resistor between OSC2 and
crystal may be required when driving low frequency crystal with High Speed (H) CTR44H
version.
3. If a low going pulse of between 10µs and 50ms is applied to SEND pin then a single packet will
be transmitted
4. After asserting TXE low (active), the encoder allows 55ms for NBFM TX to power up and settle
5. Absolute maximum source/sink current from each DB3:DB0 pin is 25mA
6. TXE is an open drain output (no pull-up). Connect it to Vdd via a 10kΩ pull-up resistor
7. MODE pin is only read at reset/power up. Connect to either Vdd (Encoder) or 0V (Decoder).
8. Without external loads the CTR44 draws <2mA from 5V supply.
9. Standard version can be used down to 3V for <10MHz oscillator.
Low voltage version can be used down to 2V for <4MHz oscillator.
10. High Speed, CTR44H, version should not be used with Narrow Band FM radio modules.
Encoded Data Packet Format
Transmission format is 1kbps differential Manchester encoding when using 3.58MHz resonator.
Oscillator frequency can decreased to suit narrow band RF module data rate requirements. CTR44H IC
running at 20MHz can be used with wideband radio modules for fast data transmission.
0
0
0
10
0
11
1ms
500
µs
1
Figure 4: 1kbps differential Manchester coding of ‘1’ and ‘0’


Similar Part No. - CONTROL44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONTROL44 ETC2-CONTROL44 Datasheet
202Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
More results

Similar Description - CONTROL44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONTROL44 ETC2-CONTROL44 Datasheet
202Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
logo
Radiometrix Ltd
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
CTA88 RADIOMETRIX-CTA88 Datasheet
326Kb / 6P
   8 bit Address - 8 bit Data encoder/decoder
logo
Texas Instruments
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT ADDRESS/DATA MULTIPLEXER
logo
STMicroelectronics
HCC4514B STMICROELECTRONICS-HCC4514B Datasheet
261Kb / 11P
   4-BIT LATCH/4-TO-16 LINE DECODER
logo
Hitachi Semiconductor
HD74HC4514 HITACHI-HD74HC4514 Datasheet
52Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74AC4514 HITACHI-HD74AC4514 Datasheet
48Kb / 8P
   4-bit Latch/4-to-16-Line Decoder
HD74HC4515 HITACHI-HD74HC4515 Datasheet
49Kb / 8P
   4-bit Latch/4-to-16-line Decoder
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com